Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS-L Datasheet(PDF) 18 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 18 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics SWS-L Datasheet HTML 18Page - TDK Electronics SWS-L Datasheet HTML 19Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
・All specifications are subject to change without notice.
SWS 600L, 1000L
7. External Fuse Rating
Refer to the following fuse rating when selecting the external
fuses that are to be used on input line. Surge current flows
when line turns on. Use slow-blow or time-lag type fuse, not
fast-blow fuse. Fuse rating is specified by in-rush current value
at line turn-on. Do not select the fuse according to input current
(RMS.) values under the actual load condition.
SWS600L : 15A
  SWS1000L : 20A
8. Fan life expectancy
The Fan-life has limitation. Therefore, periodic maintenance by
exchanging the life-expired fan is required for the power supply.
The following figure shows the life of fan.
SWS600L, SWS1000L
Fan acoustic noise:
SWS600L, SWS1000L: build in fan speed control circuit .
SWS600L : 45dB[A] at room temperature, 50dB[A] at high
ambient temperature.
SWS1000L: 53dB[A] at room temperature, 55dB[A] at high
ambient temperature
SWS600L/RF: 50dB[A]
SWS600L/RF, SWS1000L/RF
1
10
0
50
100
Ambient temperature (
℃ )
100
50
0
1
10
Ambient temperature (
℃ )
9. Special instructions for IEC/EN/UL/CSA 60601-1 (SWS1000L only)
(1) These products are designed for continuous operation
within an overall enclosure, and must be mounted such that
access to the mains terminals is restricted. See Clause 16,
IEC/EN/UL60601-1.
(2) These products are NOT suitable for use in the presence of
flammable anaesthetic mixtures with air or wish oxygen or
nitrous oxide.
(3) These products are classed as ordinary equipment accord-
ing to IEC/EN/UL60601-1 and are NOT protected against the
ingress of water.
(4) Connect only apparatus complying with IEC/EN/UL60601-1
to the signal ports.
(5) Except for permanently installed equipment as defined in
Clause 57.6 of IEC/EN/UL60601-1 the overall equipment in
which these products are installed must have double pole
fusing on the input mains supply. The products themselves
have single pole fusing in the live line.
(6) When the PSU is installed within medical equipment an all
pole mains input disconnect device must be fitted.
(7) Reference should be made to local regulations concerning
the disposal of these products at the end of their useful life.
(8) These products have not been assessed to IEC/EN60601-1-2
(EMC) but EMC test data is available from NEMIC-LAMBDA (S)
PTE LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com