Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS-L Datasheet(PDF) 14 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 14 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics SWS-L Datasheet HTML 18Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
・All specifications are subject to change without notice.
SWS 600L, 1000L
change about 400mV (3V, 5V), 5% (12V, 15V, 24V, 36V, 48V,
60V) in its transient response.
Method (A)
Method (B)
Isolation Test
Isolation resistance between output and
(chassis) shall be
more than 50M
Ωat 500VDC and between output and AUX,
CNT, ALM shall be more than 50M
Ω at 100VDC. For safety
operation, voltage setting of DC isolation tester must be done
before the test. Ensure that it is fully discharged after the test.
Output - FG (chassis) : 500VDC 50MΩ or more
Output - CNT
・AUX・ALM : 100VDC 50MΩ or more
Withstand Voltage
SWS600L is designed to withstand 3.0kVAC, SWS1000L is de-
signed to withstand 4.0kVAC between input and output. This
series is designed to withstand 2.0kVAC between input
and
(chassis), 500VAC between output and
(chassis), and
100VAC between output and CNT, AUX, ALM terminal each for
1 minute. When testing withstand voltage, set current limit of
withstand voltage test equipment at 20mA.
(Output -
(chassis) and Output - Control : 100mA).
The applied voltage must be gradually increased from zero
to testing value and then gradually decreased for shut down.
When timer is used, the power supply may be damaged by high
impulse voltage at timer switch on and off. Connect input and
output as follows.
Input - Output (dotted line): 3.0kVAC 1min. (20mA),
(SWS1000L: 4.0kVAC 1min 20mA)
Input - (chassis) (solid line) : 2.0kVAC 1min. (20mA)
Output -
(chassis) : 500VAC 1min. (100mA),
(SWS600L-60: 651VAC 1min 130mA)
Load
Power Supply
-Vm
-S
-Vm
-S
+Vm
+S
PC
COM
PC
COM
+Vm
+S
Load
Power Supply
-Vm
-S
-Vm
-S
+Vm
+S
+Vm
+S
Output Power (W) = (Vo+Vf) ×IO
Vo+Vf
Vo+Vf
Vo
Io
AC(L)
Isolation
Tester
G1
G2
AUX
ALM
TOG
CNT2
CNT1
PV
COM
PC
-S
-Vm
-
+
+Vm
+S
AC(N)
AC(L)
Isolation
Tester
G1
G2
AUX
ALM
TOG
CNT2
CNT1
PV
COM
PC
-S
-Vm
-
+
+Vm
+S
AC(N)
Withstand
Voltage
Tester
AC(L)
G1
G2
AUX
ALM
TOG
CNT2
CNT1
PV
COM
PC
-S
-Vm
-
+
+Vm
+S
AC(N)
Withstand
Voltage
Tester
AC(L)
G1
G2
AUX
ALM
TOG
CNT2
CNT1
PV
COM
PC
-S
-Vm
-
+
+Vm
+S
AC(N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com