Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS-L Datasheet(PDF) 11 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 11 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics SWS-L Datasheet HTML 10Page - TDK Electronics SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
・All specifications are subject to change without notice.
SWS 600L, 1000L
Please pay extra attention to the wiring. Incorrect connec-
tion will damage the power supply.
● When connecting input, output wiring and CN1, CN2,
CN3, input AC-Line should be off.
● Input wiring and output wiring shall be separated to im-
prove noise sensibility.
● The protective earth (PE) must be connected to the
ter-
minal or chassis.
● Remote sensing lines shall be twisted or used shielded wires.
● Remote ON/OFF control lines shall be twisted or used
shielded wires. Separate from load line.
● Output current of each terminal screw shall be 60A or
less for SWS600L.
Panel Side
● Basic connection (Local sensing)
Connect “+S” terminal to “+Vm” terminal and “-S” terminal to
“-Vm” terminal.
SWS600L
SWS1000L
● Remote sensing required
Connect “+S” terminal to “+” terminal of load and “-S” termi-
nal to “-” output terminal of load with wires.
SWS600L
SWS1000L
● ALM signal output required
Open collector method shown below shall be used.
“G1” terminal is ground for “ALM” terminal.
SWS600L
SWS1000L
CN1(or CN2)
CN1(or CN2)
twist or shield
A
A
B
B
CN1(or CN2)
twist or shield
A
A
B
B
CN1(or CN2)
CN3
signal
ground
ALM
signal
output
CN1(or CN2)
CN3
signal
ground
ALM
signal
output
CN1(or CN2)
3. Terminal Connection Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com