Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS-L Datasheet(PDF) 19 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 19 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics SWS-L Datasheet HTML 18Page - TDK Electronics SWS-L Datasheet HTML 19Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
・All specifications are subject to change without notice.
SWS 600L, 1000L
10. Before concluding that the unit is at fault
Before concluding that the unit is at fault, make the following
checks.
(1) Check if the rated input voltage is connected.
(2) Check if the wiring of input and output is correct.
(3) Check if the I/O terminal connection is properly tighten by
regulated torque.
(4) Check if the wire thickness is enough.
(5) Check if the output voltage control (V.adj) is properly ad-
justed. OVP might be trigged and output is shut down.
(6) If use function of the Remote ON/OFF control, check if the
Remote ON/OFF control is properly used.
(7) Check if the built-in FAN is not stopped. Is FAN stopped by
something irregular or etc?
If FAN stops, the ALM signal turn “High” level and OTP
might be activated.
(8) Power supply has ventilating holes on the front and back
panels. Check if there is any irregulars or dust, etc.
(9) Is the chassis of power supply hot abnormally? The output
is shut down by OTP operation. Please re-input after the
unit is cooled down sufficiently.
(10) Check if the output current and output power does not over
specification.
(11) Audible noise can be heard when input voltage waveform
is not sinusoidal.
(12) Audible noise can be heard during dynamic load operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com