Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430F2001IPWR Datasheet HTML 29Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 30Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 31Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 32Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 33Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 34Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 35Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 36Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
DCO Frequency − MHz
0.10
1.00
10.00
0.10
1.00
10.00
RSELx = 0...11
RSELx = 12...15
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
Wake-Up From Lower-Power Modes (LPM3/4)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
BCSCTL1 = CALBC1_1MHZ,
2
DCOCTL = CALDCO_1MHZ
BCSCTL1 = CALBC1_8MHZ,
2.2 V/3 V
1.5
DCOCTL = CALDCO_8MHZ
DCO clock wake-up time
tDCO,LPM3/4
µs
from LPM3/4(1)
BCSCTL1 = CALBC1_12MHZ,
1
DCOCTL = CALDCO_12MHZ
BCSCTL1 = CALBC1_16MHZ,
3 V
1
DCOCTL = CALDCO_16MHZ
CPU wake-up time from
1 / fMCLK +
tCPU,LPM3/4
LPM3/4(2)
tClock,LPM3/4
(1)
The DCO clock wake-up time is measured from the edge of an external wake-up signal (for example, port interrupt) to the first clock
edge observable externally on a clock pin (MCLK or SMCLK).
(2)
Parameter applicable only if DCOCLK is used for MCLK.
Typical Characteristics - DCO Clock Wake-Up Time From LPM3/4
DCO WAKE-UP TIME FROM LPM3
vs
DCO FREQUENCY
Figure 13.
Copyright
© 2005–2011, Texas Instruments Incorporated
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com