Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F2001IPWR Datasheet HTML 35Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 36Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 37Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 38Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 39Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 40Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 41Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 42Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
10-Bit ADC, Power Supply and Input Range Conditions (MSP430F20x2)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Analog supply voltage
VCC
VSS = 0 V
2.2
3.6
V
range
All Ax terminals,
Analog input voltage
VAx
Analog inputs selected in
0
VCC
V
range(2)
ADC10AE register
fADC10CLK = 5 MHz,
2.2 V
0.52
1.05
ADC10ON = 1, REFON = 0,
I: -40
°C to 85°C
IADC10
ADC10 supply current(3)
mA
ADC10SHT0 = 1,
T: -40
°C to 105°C
3 V
0.6
1.2
ADC10SHT1 = 0, ADC10DIV = 0
fADC10CLK = 5 MHz,
ADC10ON = 0, REF2_5V = 0,
2.2 V/3 V
0.25
0.4
Reference supply
REFON = 1, REFOUT = 0
I: -40
°C to 85°C
IREF+
current, reference buffer
mA
T: -40
°C to 105°C
fADC10CLK = 5 MHz,
disabled(4)
ADC10ON = 0, REF2_5V = 1,
3 V
0.25
0.4
REFON = 1, REFOUT = 0
fADC10CLK = 5 MHz
-40
°C to 85°C
2.2 V/3 V
1.1
1.4
Reference buffer supply
ADC10ON = 0, REFON = 1,
IREFB,0 current with
mA
REF2_5V = 0, REFOUT = 1,
105
°C
2.2 V/3 V
1.8
ADC10SR = 0(4)
ADC10SR = 0
fADC10CLK = 5 MHz,
-40
°C to 85°C
2.2 V/3 V
0.5
0.7
Reference buffer supply
ADC10ON = 0, REFON = 1,
IREFB,1 current with
mA
REF2_5V = 0, REFOUT = 1,
105
°C
2.2 V/3 V
0.8
ADC10SR = 1(4)
ADC10SR = 1
Only one terminal Ax selected at
I: -40
°C to 85°C
CI
Input capacitance
27
pF
a time
T: -40
°C to 105°C
Input MUX ON
I: -40
°C to 85°C
RI
0 V
≤ VAx ≤ VCC
2.2 V/3 V
2000
Ω
resistance
T: -40
°C to 105°C
(1)
The leakage current is defined in the leakage current table with Px.x/Ax parameter.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR- for valid conversion results.
(3)
The internal reference supply current is not included in current consumption parameter IADC10.
(4)
The internal reference current is supplied via terminal VCC. Consumption is independent of the ADC10ON control bit, unless a
conversion is active. The REFON bit enables the built-in reference to settle before starting an A/D conversion.
Copyright
© 2005–2011, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com