Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F2001IPWR Datasheet HTML 21Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 22Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 23Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 24Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 25Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 26Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 27Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 28Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
Outputs (Ports P1 and P2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I(OHmax) = -1.5 mA
(1)
2.2 V
VCC - 0.25
VCC
I(OHmax) = -6 mA
(2)
2.2 V
VCC - 0.6
VCC
VOH
High-level output voltage
V
I(OHmax) = -1.5 mA
(1)
3 V
VCC - 0.25
VCC
I(OHmax) = -6 mA
(2)
3 V
VCC - 0.6
VCC
I(OLmax) = 1.5 mA
(1)
2.2 V
VSS
VSS + 0.25
I(OLmax) = 6 mA
(2)
2.2 V
VSS
VSS + 0.6
VOL
Low-level output voltage
V
I(OLmax) = 1.5 mA
(1)
3 V
VSS
VSS + 0.25
I(OLmax) = 6 mA
(2)
3 V
VSS
VSS + 0.6
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±12 mA to hold the maximum voltage drop
specified.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±48 mA to hold the maximum voltage drop
specified.
Output Frequency (Ports P1 and P2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
10
Port output frequency
fPx.y
P1.4/SMCLK, CL = 20 pF, RL = 1 kΩ
(1) (2)
MHz
(with load)
3 V
12
2.2 V
12
fPort°CLK
Clock output frequency
P2.0/ACLK, P1.4/SMCLK, CL = 20 pF
(2)
MHz
3 V
16
(1)
A resistive divider with 2
× 0.5 kΩ between VCC and VSS is used as load. The output is connected to the center tap of the divider.
(2)
The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.
Copyright
© 2005–2011, Texas Instruments Incorporated
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com