Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F2001IPWR Datasheet HTML 5Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 6Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 7Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 8Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 9Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 10Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 11Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 12Page - Texas Instruments MSP430F2001IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
Table 3. Terminal Functions, MSP430F20x2
TERMINAL
NO.
DESCRIPTION
NAME
I/O
PW, N
RSA
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
P1.0/TACLK/ACLK/A0
2
1
I/O
ACLK signal output
ADC10 analog input A0
General-purpose digital I/O pin
P1.1/TA0/A1
3
2
I/O
Timer_A, capture: CCI0A input, compare: Out0 output
ADC10 analog input A1
General-purpose digital I/O pin
P1.2/TA1/A2
4
3
I/O
Timer_A, capture: CCI1A input, compare: Out1 output
ADC10 analog input A2
General-purpose digital I/O pin
ADC10 conversion clock output
P1.3/ADC10CLK/A3/
5
4
I/O
ADC10 analog input A3
VREF-/VeREF-
Input for negative external reference voltage/negative internal reference voltage
output
General-purpose digital I/O pin
SMCLK signal output
P1.4/SMCLK/A4/VREF+/
ADC10 analog input A4
6
5
I/O
VeREF+/TCK
Input for positive external reference voltage/positive internal reference voltage
output
JTAG test clock, input terminal for device programming and test
General-purpose digital I/O pin
Timer_A, compare: Out0 output
P1.5/TA0/A5/SCLK/TMS
7
6
I/O
ADC10 analog input A5
USI: external clock input in SPI or I2C mode; clock output in SPI mode
JTAG test mode select, input terminal for device programming and test
General-purpose digital I/O pin
Timer_A, capture: CCI1B input, compare: Out1 output
P1.6/TA1/A6/SDO/SCL/
8
7
I/O
ADC10 analog input A6
TDI/TCLK
USI: Data output in SPI mode; I2C clock in I2C mode
JTAG test data input or test clock input during programming and test
General-purpose digital I/O pin
P1.7/A7/SDI/SDA/
ADC10 analog input A7
9
8
I/O
TDO/TDI(1)
USI: Data input in SPI mode; I2C data in I2C mode
JTAG test data output terminal or test data input during programming and test
Input terminal of crystal oscillator
XIN/P2.6/TA1
13
12
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
Output terminal of crystal oscillator
XOUT/P2.7
12
11
I/O
General-purpose digital I/O pin(2)
Reset or nonmaskable interrupt input
RST/NMI/SBWTDIO
10
9
I
Spy-Bi-Wire test data input/output during programming and test
Selects test mode for JTAG pins on Port 1. The device protection fuse is
TEST/SBWTCK
11
10
I
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
VCC
1
NA
Supply voltage
VSS
14
NA
Ground reference
DVCC
NA
16
Digital supply voltage
AVCC
NA
15
Analog supply voltage
DVSS
NA
14
Digital ground reference
AVSS
NA
13
Analog ground reference
QFN Pad
NA
Pad
NA
QFN package pad. Connection to VSS is recommended.
(1)
TDO or TDI is selected via JTAG instruction.
(2)
If XOUT/P2.7 is used as an input, excess current flows until P2SEL.7 is cleared. This is due to the oscillator output driver connection to
this pad after reset.
Copyright
© 2005–2011, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com