Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S4BA-MU Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATSAM3S4BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S4BA-MU Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATSAM3S4BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 30Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 31Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 32Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 33Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 34Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 35Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
32
6500CS–ATARM–24-Jan-11
SAM3S Summary
One of the commands returns the embedded Flash descriptor definition that informs the system
about the Flash organization, thus making the software generic.
9.1.3.4
Flash Speed
The user needs to set the number of wait states depending on the frequency used.
For more details, refer to the AC Characteristics sub section in the product Electrical Character-
istics Section.
9.1.3.5
Lock Regions
Several lock bits used to protect write and erase operations on lock regions. A lock region is
composed of several consecutive pages, and each lock region has its associated lock bit.
If a locked-region’s erase or program command occurs, the command is aborted and the EEFC
triggers an interrupt.
The lock bits are software programmable through the EEFC User Interface. The command “Set
Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
9.1.3.6
Security Bit Feature
The SAM3S features a security bit, based on a specific General Purpose NVM bit (GPNVM bit
0). When the security is enabled, any access to the Flash, SRAM, Core Registers and Internal
Peripherals either through the ICE interface or through the Fast Flash Programming Interface, is
forbidden. This ensures the confidentiality of the code programmed in the Flash.
This security bit can only be enabled, through the command “Set General Purpose NVM Bit 0” of
the EEFC User Interface. Disabling the security bit can only be achieved by asserting the
ERASE pin at 1, and after a full Flash erase is performed. When the security bit is deactivated,
all accesses to the Flash, SRAM, Core registers, Internal Peripherals are permitted.
It is important to note that the assertion of the ERASE pin should always be longer than 200 ms.
As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal
operation. However, it is safer to connect it directly to GND for the final application.
9.1.3.7
Calibration Bits
NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits are
factory configured and cannot be changed by the user. The ERASE pin has no effect on the cal-
ibration bits.
9.1.3.8
Unique Identifier
Each device integrates its own 128-bit unique identifier. These bits are factory configured and
cannot be changed by the user. The ERASE pin has no effect on the unique identifier.
Table 9-1.
Number of Lock Bits
Product
Number of Lock Bits
Lock Region Size
ATSAM3S4
16
16 kbytes (64 pages)
ATSAM3S2
8
16 kbytes (64 pages)
ATSAM3S1
4
16 kbytes (64 pages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com