Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S4BA-MU Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATSAM3S4BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S4BA-MU Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATSAM3S4BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 30Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 31Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 32Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 33Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 34Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 35Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 36Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
33
6500CS–ATARM–24-Jan-11
SAM3S Summary
9.1.3.9
Fast Flash Programming Interface
The Fast Flash Programming Interface allows programming the device through either a serial
JTAG interface or through a multiplexed fully-handshaked parallel port. It allows gang program-
ming with market-standard industrial programmers.
The FFPI supports read, page program, page erase, full erase, lock, unlock and protect
commands.
The Fast Flash Programming Interface is enabled and the Fast Programming Mode is entered
when TST and PA0 and PA1are tied low.
9.1.3.10
SAM-BA
® Boot
The SAM-BA Boot is a default Boot Program which provides an easy way to program in-situ the
on-chip Flash memory.
The SAM-BA Boot Assistant supports serial communication via the UART and USB.
The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI).
9.1.3.11
GPNVM Bits
The SAM3S features two GPNVM bits that can be cleared or set respectively through the com-
mands “Clear GPNVM Bit” and “Set GPNVM Bit” of the EEFC User Interface.
9.1.4
Boot Strategies
The system always boots at address 0x0. To ensure maximum boot possibilities, the memory
layout can be changed via GPNVM.
A general-purpose NVM (GPNVM) bit is used to boot either on the ROM (default) or from the
Flash.
The GPNVM bit can be cleared or set respectively through the commands “Clear General-pur-
pose NVM Bit” and “Set General-purpose NVM Bit” of the EEFC User Interface.
Setting GPNVM Bit 1 selects the boot from the Flash, clearing it selects the boot from the ROM.
Asserting ERASE clears the GPNVM Bit 1 and thus selects the boot from the ROM by default.
9.2
External Memories
The SAM3S features an External Bus Interface to provide the interface to a wide range of exter-
nal memories and to any parallel peripheral.
9.2.1
Static Memory Controller
•8-bit Data Bus
• Up to 24-bit Address Bus (up to 16 MBytes linear per chip select)
• Up to 4 chip selects, Configurable Assignment
• Multiple Access Modes supported
– Chip Select, Write enable or Read enable Control Mode
Table 9-2.
General Purpose Non-volatile Memory Bits
GPNVMBit[#]
Function
0
Security bit
1
Boot mode selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com