Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S4BA-MU Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATSAM3S4BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S4BA-MU Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATSAM3S4BA-MU Datasheet HTML 35Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 36Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 37Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 38Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 41Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 42Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
39
6500CS–ATARM–24-Jan-11
SAM3S Summary
Figure 10-3. SAM3S Power Management Controller Block Diagram
The SysTick calibration value is fixed at 8000 which allows the generation of a time base of 1 ms
with SystTick clock at 8 MHz (max HCLK/8 = 64 MHz/8).
10.7
Watchdog Timer
• 16-bit key-protected only-once-Programmable Counter
• Windowed, prevents the processor to be in a dead-lock on the watchdog access.
10.8
SysTick Timer
• 24-bit down counter
• Self-reload capability
• Flexible System timer
10.9
Real Time Timer
• Real Time Timer, allowing backup of time with different accuracies
– 32-bit free-running back-up counter
– Integrates a 16-bit programmable prescaler running on slow clock
MCK
periph_clk[..]
int
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
HCK
Processor
Clock
Controller
Sleep Mode
Master Clock Controller
Peripherals
Clock Controller
ON/OFF
USB Clock Controller
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
Programmable Clock Controller
PLLBCK
pck[..]
PLLBCK
PLLBCK
UDPCK
ON/OFF
ON/OFF
FCLK
SystTick
Divider
/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com