Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S4BA-MU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM3S4BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S4BA-MU Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM3S4BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 2Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
6500CS–ATARM–24-Jan-11
SAM3S Summary
Figure 2-2.
SAM3S 64-pin Version Block Diagram
I/D
S
Voltage
Regulator
SPI
TC[0..2]
ADVREF
TIOB[0:2]
TIOA[0:2]
TCLK[0:2]
PDC
TWI0
PDC
TWCK0
PWM
PDC
TF
TK
TD
RD
RK
RF
DDP
DDM
MPU
N
V
I
C
TWI1
PDC
TWD1
PWMH[0:3]
PWMFI0
PDC
UART0
UART1
URXD0
UTXD0
URXD1
UTXD1
SSC
Peripheral
Bridge
PDC
PDC
2668
Bytes
FIFO
USB 2.0
Full
Speed
PDC
RXD0
TXD0
USART0
SCK0
RTS0
CTS0
PLLA
TST
PCK0-PCK2
System Controller
XIN
NRST
VDDCORE
XOUT
WDT
RTT
OSC 32K
XIN32
XOUT32
SUPC
RSTC
8 GPBREG
3-20 MHz
Osc.
POR
RTC
RC 32k
SM
RC
12/8/4 M
ERASE
VDDPLL
VDDIO
PLLB
PMC
PIOA / PIOB
JTAG & Serial Wire
Flash
Unique
Identifier
PIODCCLK
PIODCEN1
PIODCEN2
PIO
PDC
PIODC[7:0]
Analog
Comparator
CRC Unit
ADC
DAC
Temp Sensor
ADVREF
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
MCCK
MCCDA
MCDA[0..3]
High Speed MCI
Cortex-M3 Processor
Fmax 64 MHz
In-Circuit Emulator
Timer Counter A
ROM
16 KBytes
TWD0
TWCK1
PWML[0:3]
24-Bit
SysTick Counter
FLASH
256 KBytes
128 KBytes
64 KBytes
SRAM
48 KBytes
32 KBytes
16 KBytes
PDC
DAC1
DAC0
AD[0..8]
ADTRG
DATRG
PDC
RXD1
TXD1
USART1
SCK1
RTS1
CTS1
DSR1
DTR1
RI1
DCD1
4-layer AHB Bus Matrix Fmax 64 MHz
DAC
PDC
Temp. Sensor
ADC
PDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com