Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3Q66Q Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3Q66Q
Description  Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q66Q Datasheet(HTML) 1 Page - Sharp Corporation

  PC3Q66Q Datasheet HTML 1Page - Sharp Corporation PC3Q66Q Datasheet HTML 2Page - Sharp Corporation PC3Q66Q Datasheet HTML 3Page - Sharp Corporation PC3Q66Q Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PC3Q66Q
PC3Q66Q
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
s Package Specifications
Package specifications
1. High collector-emitter voltage
2. Half pitch type ( lead pitch : 1.27mm )
3. Isolation voltage between input and output
4. Applicable to infrared ray reflow
5. High reliability
Model No.
C0.4
Epoxy resin
6 ˚
Internal connection diagram
9
8
1
12
34
56
78
9
13 5 7
Anode
24 6 8
Cathode
9
Emitter
Collector
Soldering area
Parameter
Symbol
Rating
Unit
Input
IF
50
mA
I FM
1A
Reverse voltage
V R
6V
P70
mW
Output
Collector-emitter voltage
V CEO
80
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
P C
150
mW
P tot
170
mW
V iso
2.5
kV rms
Operating temperature
T opr
- 30 to + 100
˚C
T stg
- 40 to + 125
˚C
T sol
260
˚C
Model No.
PC3Q66Q
1. Programmable controllers
( VCEO : 80V)
( Viso
*1 Pulse width <=100
µs, Duty ratio : 0.001
*2 AC for 1 min., 40 to 60% RH, f = 60Hz
*1 Peak forward current
Power dissipation
Collector power dissipation
Total power dissipation
*2 Isolation voltage
Storage temperature
*3Soldering temperature
Collector-Emitter Voltage
Forward current
Mini-flat Package, High
Type Half Pitch Photocoupler
Primary
side
mark
: 2 500V rms )
( 230˚C for MAX. 30seconds )
Taping reel diameter 330mm ( 1 000pcs. )
*3 For 10seconds
10.3 ± 0.3
1.27 ± 0.25
0.4 ± 0.1
5.3 ± 0.3
7.0
+ 0.2
- 0.7
0.5
+ 0.4
- 0.2
16
15
15
14
14
13
12
11
13
12
11
16
16
10
10


Similar Part No. - PC3Q66Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3Q62 SHARP-PC3Q62 Datasheet
82Kb / 6P
High Resistance to Noise, Half Pitch Photocoupler
PC3Q64 SHARP-PC3Q64 Datasheet
588Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q64Q SHARP-PC3Q64Q Datasheet
68Kb / 5P
Mini-falt Package AC Input Type Half Pitch Photocoupler
PC3Q65 SHARP-PC3Q65 Datasheet
52Kb / 4P
High Sensitivity Type Half Pitch Photocoupler
PC3Q67 SHARP-PC3Q67 Datasheet
580Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results

Similar Description - PC3Q66Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC356NT SHARP-PC356NT Datasheet
82Kb / 6P
Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC316 SHARP-PC316 Datasheet
157Kb / 4P
OPAQUE MINI PACKAGE HIGH COLLECTOR EMITTER VOLTAGE TYPE PHOTOCOUPLER
PC451J00000F SHARP-PC451J00000F Datasheet
240Kb / 14P
Mini-flat Package, High Collector-emitter Voltage Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com