Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3Q66Q Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC3Q66Q
Description  Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q66Q Datasheet(HTML) 4 Page - Sharp Corporation

  PC3Q66Q Datasheet HTML 1Page - Sharp Corporation PC3Q66Q Datasheet HTML 2Page - Sharp Corporation PC3Q66Q Datasheet HTML 3Page - Sharp Corporation PC3Q66Q Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC3Q66Q
10
10
8
6
4
2
0
02
4
6
8
1mA
3mA
5mA
7mA
040
80
5
100
60
20
5
5
5
5
5
Fig.11 Collector Dark Current vs.
Ambient Temperature
0.01
0.1
1
10
-30
500
200
100
50
20
10
5
2
1
0.5
0.2
0.1
Fig.13 Collector-emitter Saturation Voltage
vs. Forward Current
Ambient temperature T a ( ˚C)
Forward current I F ( mA )
VCE = 20V
VCE =2V
IC = 2mA
Ta = 25˚C
t d
t r
t f
ts
Ta = 25˚C
IC = 0.5mA
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
1000
Please refer to the chapter “ Precautions for Use ”
Load resistance RL ( k
Ω )
Fig.12 Response Time vs. Load Resistance
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com