Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3Q66Q Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3Q66Q
Description  Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q66Q Datasheet(HTML) 2 Page - Sharp Corporation

  PC3Q66Q Datasheet HTML 1Page - Sharp Corporation PC3Q66Q Datasheet HTML 2Page - Sharp Corporation PC3Q66Q Datasheet HTML 3Page - Sharp Corporation PC3Q66Q Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC3Q66Q
(Ta = 25˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
V F
IF = 20mA
-
1.2
1.4
V
IR
V R =4V
-
-
10
µ A
Ct
V = 0, f = 1kH Z
-
30
250
pF
Output
ICEO
V CE = 20V, I F = 0
-
-
100
nA
BV CEO
IC = 0.1mA, I F = 0
80
-
-
V
BV ECO
IE =10
µ A, I F =0
6
-
-
V
Transfer
charac-
Collector current
IC
IF = 1mA, V CE =5V
1
-
4
mA
V CE(sat)
IF = 20mA, I C = 1mA
-
0.1
0.2
V
DC500V 40 to 60% RH
5 x 1010
1011
-
Ω
Cf
V = 0, f = 1 MH Z
-
0.6
1.0
pF
Response time
Rise time
t r
V CE = 2V, I C = 2mA
RL = 100
Ω
-6
-
Fall time
tf
-8
-
s Electro-optical Characteristics
Reverse current
Collector dark current
Collector-emitter breakdown voltage
Emitter-collector breakdown voltage
Terminal capacitance
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
teristics
R ISO
µ s
µ s
0
-30
10
0
25
50 55
75
100
125
20
30
40
50
60
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
70
0
100
80
60
40
20
0
50 55
100
Fig. 2 Diode Power Dissipation vs.
Ambient Temperature
-30
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-30
Ambient temperature T a (˚C)
Fig. 3 Collector Power Dissipation vs.
- 30
0
25
50
75
100
0
50
100
150
200
250
170
Ambient Temperature
Fig. 4 Power Dissipation vs.
Ambient temperature T a (˚C)
Forward current
300
Ambient temperature T a (˚C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com