Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3Q66Q Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC3Q66Q
Description  Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q66Q Datasheet(HTML) 3 Page - Sharp Corporation

  PC3Q66Q Datasheet HTML 1Page - Sharp Corporation PC3Q66Q Datasheet HTML 2Page - Sharp Corporation PC3Q66Q Datasheet HTML 3Page - Sharp Corporation PC3Q66Q Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC3Q66Q
Duty ratio
5
5
Pulse width <=100
µ s
10
20
100
50
200
500
2
5
2
5
2
5
Fig. 5 Peak Forward Current vs. Duty Ratio
1
2
5
20
10
50
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25˚C
0˚C
- 25˚C
75˚C
Forward voltage V F (V)
1
10
100
0
100
200
300
400
500
Forward current I F ( mA )
02
4
6
0
50
40
30
20
10
810
1mA
5mA
10mA
20mA
Collector-emitter voltage V CE (V)
0
204060
80
100
0
50
100
150
-30
0.02
0
20
406080
100
0.00
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-30
Ambient temperature T a (˚C)
Fig. 6 Forward Current vs.
Forward Voltage
Fig. 7 Current Tranfer Ratio vs.
Forward Current
Fig. 8 Collector Current vs. Collector
-emitter Voltage
Fig. 9 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.10 Collector-emitter Saturation Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ta= 25˚C
1
50˚C
IF = 30mA
IF = 20mA
IC = 1mA
IF = 1mA
VCE =5V
VCE =5V
Ta = 25˚C
Ta = 25˚C
10 -3
10 -2
10 -1
10000
5000
2000
1000
Pc (max)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com