Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5M2 Datasheet(PDF) 1 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 1 Page - Sharp Corporation

  SM5M2 Datasheet HTML 1Page - Sharp Corporation SM5M2 Datasheet HTML 2Page - Sharp Corporation SM5M2 Datasheet HTML 3Page - Sharp Corporation SM5M2 Datasheet HTML 4Page - Sharp Corporation SM5M2 Datasheet HTML 5Page - Sharp Corporation SM5M2 Datasheet HTML 6Page - Sharp Corporation SM5M2 Datasheet HTML 7Page - Sharp Corporation SM5M2 Datasheet HTML 8Page - Sharp Corporation SM5M2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SM5M2
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
DESCRIPTION
The SM5M2 is a CMOS 4-bit single-chip micro-
computer operated on 3.0 V single power supply.
This
microcomputer
integrates
4-bit
parallel
processing function, ROM, RAM, display RAM, 15-
stage divider, 2-kind of interrupt and 4-level of
subroutine stack. With a built-in LCD drive circuit
for a maximum of 136 elements, a 2-mode standby
function, voice synthesizer and a melody generator
circuit in a single chip, the SM5M2 permits the
design of system configuration with a minimum of
peripheral components. It can be used in a variety
of products from handheld equipment to electrical
appliances, such as hand held games with voice,
and also achieves low power consumption.
FEATURES
• ROM capacity :
3 072 x 8 bits (For main program)
64k x 5 bits (For voice)
256 x 6 bits (For melody)
• RAM capacity : 130 x 4 bits (including 34 x 4 bits
display RAM)
• Instruction sets : 51
• Subroutine nesting : 4 levels
• I/O port :
Input
1
Output
6
Input/output
7
• Interrupts :
Internal interrupt
x 1 (divider overflow)
External interrupt
x 1 (INTA)
• Built-in voice synthesizer circuit (APCM) :
Number of phrases : 256
Voice ROM
: 64 k x 5 bits
Bit rate
: 25/35 kbps
Number of coded bit : 5 bits
Sampling frequency : 5/7 kHz
Generation period
: 9.1 to 12.8 s
• Built-in main clock oscillator for system clock
• Built-in sub clock oscillator for real time clock
PIN CONNECTIONS
• Built-in 15 stages divider for real time clock
• Built-in LCD driver :
136 segments, 1/2 bias, 1/4 duty cycle
• Built-in melody generator circuit :
Melody ROM : 256 steps
Generating time (at 32.768 kHz) : 32 s (MAX.)
• Instruction cycle time :
25.9 µs (MIN.) (at 70 kHz ± 10%)
61 µs∗ (TYP.) (at 32.768 kHz)
∗When using the clock with the system clock.
• Standby function
• Supply voltage : 2.4 to 3.3 V
• Package : 72-pin QFP (QFP072-P-1010)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
(NC)
S25
S24
S23
S22
S21
S20
S19
S18
S17
S16
S15
S14
S13
S12
16
17
18
39
38
37
S11
S10
(NC)
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58
34 35 36
57 56 55
INTA
(NC)
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
T
F
VOICE
VR
VDD
SM5M2
4-Bit Single-Chip Microcomputer
(LCD Driver)
72-PIN QFP
TOP VIEW


Similar Part No. - SM5M2

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5M20AT-C SECOS-SM5M20AT-C Datasheet
441Kb / 3P
3600W Transient Voltage Suppressors Family
SM5M20T-C SECOS-SM5M20T-C Datasheet
441Kb / 3P
3600W Transient Voltage Suppressors Family
SM5M22AT-C SECOS-SM5M22AT-C Datasheet
441Kb / 3P
3600W Transient Voltage Suppressors Family
SM5M22T-C SECOS-SM5M22T-C Datasheet
441Kb / 3P
3600W Transient Voltage Suppressors Family
SM5M24AT-C SECOS-SM5M24AT-C Datasheet
441Kb / 3P
3600W Transient Voltage Suppressors Family
More results

Similar Description - SM5M2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
4-Bit Microcomputer with LCD Driver
LC5732N SANYO-LC5732N Datasheet
309Kb / 12P
4-Bit Microcomputer with LCD Driver?
LC573404A SANYO-LC573404A Datasheet
612Kb / 30P
4-Bit Single Chip Microcomputer with LCD Driver?
logo
Sharp Corporation
SK5L1 SHARP-SK5L1 Datasheet
234Kb / 7P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM3905 SHARP-SM3905 Datasheet
215Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM563 SHARP-SM563 Datasheet
196Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM565 SHARP-SM565 Datasheet
222Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
logo
NEC
UPD7514 NEC-UPD7514 Datasheet
1Mb / 19P
4-BIT, SINGLE-CHIP CMOS MICROCOMPUTER WITH LCD CONTROLLER/DRIVER
logo
Integral Corp.
IZ5851V INTEGRAL-IZ5851V Datasheet
121Kb / 5P
CMOS 4-BIT SINGLE-CHIP APPLICATION-ORIENTED MICROCOMPUTER WITH LCD DRIVER
logo
Sanyo Semicon Device
LC5850 SANYO-LC5850 Datasheet
935Kb / 20P
CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com