Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5M2 Datasheet(PDF) 7 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 3Page - Sharp Corporation SM5M2 Datasheet HTML 4Page - Sharp Corporation SM5M2 Datasheet HTML 5Page - Sharp Corporation SM5M2 Datasheet HTML 6Page - Sharp Corporation SM5M2 Datasheet HTML 7Page - Sharp Corporation SM5M2 Datasheet HTML 8Page - Sharp Corporation SM5M2 Datasheet HTML 9Page - Sharp Corporation SM5M2 Datasheet HTML 10Page - Sharp Corporation SM5M2 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SM5M2
- 7 -
SYSTEM CONFIGURATION
A Resister and X Register
The A register (or accumulator : ACC) is a 4-bit
general purpose register. The register is mainly
used in conjunction with the ALU, C flag and RAM
to transfer numerical value and data to perform
various operations. The A register is also used to
transfer data between input and output pins.
The X register (or auxiliary accumulator) is a 4-bit
register and can be used as a temporary register.
It loads contents of the A register or its content is
transferred to the A register.
When the table reference instruction PAT is used,
the X and A registers load ROM data.
A pair of A and X registers can accommodate 8-bit
data.
7
3
0
0
03
EX instruction (swap)
SB register
BM register
B register
BL register
3
3
0
0
A register
X register
EXAX instruction
c
Areg
ALU
Result of operation
4-bit data
4-bit data
Fig. 1
Data Transfer Example Between
A Register and X Register
Arithmetic and Logic Unit (ALU) and
Carry Signal Cy
The ALU performs 4-bit parallel operation.
B Register and SB Register
• B register (BM, BL)
The B register is an 8-bit register that is used to
specify the RAM address.
The upper 4-bit section is called BM register and
lower 4-bit BL.
• SB register
The SB register is an 8-bit register used as the
save register for the B register. The contents of B
register and SB register can be exchanged through
EX instruction.
Fig. 3
B Register and SB Register
Fig. 2
ALU
The ALU operates binary addition in conjunction
with RAM, C flag and A register. The carry signal
Cy is generated if a carry occurs during ALU
operation.
Some instructions use Cy : ADC
instruction sets/clears the content of the C flag;
ADX instruction causes the program to skip the
next instruction. Note that Cy is the symbol for
carry signal and not for C flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com