Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5M2 Datasheet(PDF) 3 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 3 Page - Sharp Corporation

  SM5M2 Datasheet HTML 1Page - Sharp Corporation SM5M2 Datasheet HTML 2Page - Sharp Corporation SM5M2 Datasheet HTML 3Page - Sharp Corporation SM5M2 Datasheet HTML 4Page - Sharp Corporation SM5M2 Datasheet HTML 5Page - Sharp Corporation SM5M2 Datasheet HTML 6Page - Sharp Corporation SM5M2 Datasheet HTML 7Page - Sharp Corporation SM5M2 Datasheet HTML 8Page - Sharp Corporation SM5M2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SM5M2
- 3 -
P00-P03
PIN DESCRIPTION
PIN NAME
I/O
FUNCTION
GND, VDD, VDSP, VR
I
Power supply pins. The VDD, VDSP, VR pins apply a positive supply with respect
to the GND.
T, TOSC, VOSC
I
LSI chip test pins. Cannot be used by the user. Connect T and TOSC to GND.
Connect VOSC to VDD.
RESET
I
Input pin with built-in pull-up resistor. Hardware-reset the LSI chip when a Low
level signal is input. Normally, a capacitor is connected between it and GND to
form a power-on reset circuit.
OSCIN, OSCOUT
I/O
I
O
Crystal oscillator pins. Connect a crystal oscillator accross [OSCIN-OSCOUT ] to
form a clock generator circuit.
RC oscillator pins. Connect a resistor across [CK1-VDD ] to form a clock generator
circuit. CK2 is used to test its clock out.
Voice output pin. Output the contents of a voice ROM.
F
CK1, CK2
Voice
O
Melody output pin. Outputs the contents of a melody ROM with standard 12
musical scales (555 to 2 114 Hz) in two octaves.
H0-H3
O
Pins for the LCD's common signals.
S0-S33
O
Pins for the LCD's segment signals.
INTA
I
Input pin for external interrupt. The IFA flag is set at the rising edge of INTA.
O
Output ports. The P0 ports are an output port. The accumulator ACC can be
transferred to this port by instruction.
P10-P13, P20-P22
I/O
P1 and P2 are I/O pins which can switch to input or output pins in 4/3-bit units
by instruction. They can be used as output pins when configured for a key
matrix. The SM5M2 is forced to hardware-reset when all of P10-P13 pins are High
level. (By mask option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com