Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5M2 Datasheet(PDF) 20 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 20 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 16Page - Sharp Corporation SM5M2 Datasheet HTML 17Page - Sharp Corporation SM5M2 Datasheet HTML 18Page - Sharp Corporation SM5M2 Datasheet HTML 19Page - Sharp Corporation SM5M2 Datasheet HTML 20Page - Sharp Corporation SM5M2 Datasheet HTML 21Page - Sharp Corporation SM5M2 Datasheet HTML 22Page - Sharp Corporation SM5M2 Datasheet HTML 23Page - Sharp Corporation SM5M2 Datasheet HTML 24Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SM5M2
- 20 -
Table 6
Interrupt Event Summary
When the IME flag is set, the interrupt circuit
activates according to the interrupt request and a
subroutine jump is performed to the specified
address.
The jump destinations according to
interrupt origin are shown in Table 6. When the
IME flag is cleared, an interrupt is not accepted
even if an interrupt request is generated.
The
interrupt timing is shown in Fig. 12 and Fig. 13.
The timing chart shown in Fig. 12 shows the
interrupt enable state when an interrupt request
has been generated. In this case, the interrupt
processing signal INT goes High, one instruction
cycle after the interrupt request flag is set. When
INT goes High, the contents of the program
counter are pushed into the stack register and
execution jumps to the specified address. At this
time, the INT signal and the IME flag are cleared to
establish the interrupt disable mode. The IME flag
is set again when the RTNI instruction is executed
to establish the interrupt enable mode.
The timing chart shown in Fig. 13 shows the state
when
interrupts
are
enabled
while
multiple
interrupts are generated. In this case, a subroutine
jump is performed according to the interrupt having
the highest priority. When returning from the
subroutine by executing the RTNI instruction, the
instruction (two words are executed for a two-word
instruction) at the location of return is executed and
the interrupt for the next highest priority is
accepted.
If an interrupt request is generated during execution
of a two-cycle instruction, the instruction is
executed after which interrupt processing is
performed.
If consecutive LAX instructions are
skipped or if the SKIP conditions are satisfied, the
skip operation is terminated after which interrupt
processing is performed.
INTERRUPT REQUEST
(REQUEST FLAG)
JUMP DESTINATION
PRIORITY
ORDER
INTERRUPT
ENABLE FLAG
PAGE
STEP
INTA input (IFA)
2
0
1
RE0
Divider overflow (IFD)
2
4
2
RE2
IFA
IFD
IME
RE2
RE0
Stack register
Program counter
INT signal
Interrupt
processing
circuit
Interrupt enable flag
Interrupt request
flags
Mask flags
Fig. 11
Interrupt Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com