Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F405XX Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 68Page - STMicroelectronics STM32F405XX Datasheet HTML 69Page - STMicroelectronics STM32F405XX Datasheet HTML 70Page - STMicroelectronics STM32F405XX Datasheet HTML 71Page - STMicroelectronics STM32F405XX Datasheet HTML 72Page - STMicroelectronics STM32F405XX Datasheet HTML 73Page - STMicroelectronics STM32F405XX Datasheet HTML 74Page - STMicroelectronics STM32F405XX Datasheet HTML 75Page - STMicroelectronics STM32F405XX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
72/154
Doc ID 022152 Rev 1
5.3.7
Wakeup time from low-power mode
The wakeup times given in Table 24 is measured on a wakeup phase with a 16 MHz HSI RC
oscillator. The clock source used to wake up the device depends from the current operating
mode:
●
Stop or Standby mode: the clock source is the RC oscillator
●
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 10.
APB2
SDIO
TBD
mA
TIM1
TBD
TIM8
TBD
TIM9
TBD
TIM10
TBD
TIM11
TBD
ADC1(5)
TBD
ADC2(5)
TBD
ADC3(5)
TBD
SPI1
TBD
USART1
TBD
USART6
TBD
1.
TBD stands for “to be defined”.
2.
External clock is 25 MHz (HSE oscillator with 25 MHz crystal) and PLL is on.
3.
EN1 bit is set in DAC_CR register.
4.
EN2 bit is set in DAC_CR register.
5.
fADC = fPCLK2/2, ADON bit set in ADC_CR2 register.
Table 23.
Peripheral current consumption(1) (continued)
Peripheral(2)
Typical consumption at 25 °C
Unit
Table 24.
Low-power mode wakeup timings
Symbol
Parameter
Min(1)
Typ(1)
Max(1)
Unit
tWUSLEEP
(2)
Wakeup from Sleep mode
-
1
-
µs
tWUSTOP
(2)
Wakeup from Stop mode (regulator in Run mode)
-
13
-
µs
Wakeup from Stop mode (regulator in low power mode)
-
17
40
Wakeup from Stop mode (regulator in low power mode
and Flash memory in Deep power down mode)
-110
-
tWUSTDBY
(2)(3)
Wakeup from Standby mode
260
375
480
µs
1.
Based on characterization, not tested in production.
2.
The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction.
3.
tWUSTDBY minimum and maximum values are given at 105 °C and –45 °C, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com