Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F405XX Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 31Page - STMicroelectronics STM32F405XX Datasheet HTML 32Page - STMicroelectronics STM32F405XX Datasheet HTML 33Page - STMicroelectronics STM32F405XX Datasheet HTML 34Page - STMicroelectronics STM32F405XX Datasheet HTML 35Page - STMicroelectronics STM32F405XX Datasheet HTML 36Page - STMicroelectronics STM32F405XX Datasheet HTML 37Page - STMicroelectronics STM32F405XX Datasheet HTML 38Page - STMicroelectronics STM32F405XX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 154 page
background image
STM32F405xx, STM32F407xx
Description
Doc ID 022152 Rev 1
35/154
The major features are:
●
Combined Rx and Tx FIFO size of 1 Kbit × 35 with dynamic FIFO sizing
●
Supports the session request protocol (SRP) and host negotiation protocol (HNP)
●
6 bidirectional endpoints
●
12 host channels with periodic OUT support
●
Internal FS OTG PHY support
●
External FS OTG PHY support through an I2C connection
●
External HS or HS OTG operation supporting ULPI in SDR mode. The OTG PHY is
connected to the microcontroller ULPI port through 12 signals. It can be clocked using
the 60 MHz output.
●
Internal USB DMA
●
HNP/SNP/IP inside (no need for any external resistor)
●
for OTG/Host modes, a power switch is needed in case bus-powered devices are
connected
2.2.31
Digital camera interface (DCMI)
The camera interface is not available in STM32F405xx devices.
STM32F407xx products embed a camera interface that can connect with camera modules
and CMOS sensors through an 8-bit to 14-bit parallel interface, to receive video data. The
camera interface can sustain a data transfer rate up to 54 Mbyte/s at 54 MHz. It features:
●
Programmable polarity for the input pixel clock and synchronization signals
●
Parallel data communication can be 8-, 10-, 12- or 14-bit
●
Supports 8-bit progressive video monochrome or raw bayer format, YCbCr 4:2:2
progressive video, RGB 565 progressive video or compressed data (like JPEG)
●
Supports continuous mode or snapshot (a single frame) mode
●
Capability to automatically crop the image
2.2.32
Random number generator (RNG)
All STM32F405xx and STM32F407xx products embed an RNG that delivers 32-bit random
numbers generated by an integrated analog circuit.
2.2.33
General-purpose input/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain,
with or without pull-up or pull-down), as input (floating, with or without pull-up or pull-down)
or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog
alternate functions. All GPIOs are high-current-capable and have speed selection to better
manage internal noise, power consumption and electromagnetic emission.
The I/O configuration can be locked if needed by following a specific sequence in order to
avoid spurious writing to the I/Os registers.
Fast I/O handling allowing maximum I/O toggling up to 84 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com