Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 6 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 6 Page - Emerson Network Power

Back Button IVS Datasheet HTML 2Page - Emerson Network Power IVS Datasheet HTML 3Page - Emerson Network Power IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power IVS Datasheet HTML 10Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev. 01.10.11_41
iVS Series
6 of 12
Embedded Power for
Business-Critical Continuity
Input
90-264Vac
170-264Vac
i
VS3 = 5”x8”x11”
1800Wmax. 4500Wmax.
(127x203.2x279.4)
14availableslots
S
L
O
T
13
S
L
O
T
14
S
L
O
T
12
S
L
O
T
11
S
L
O
T
10
S
L
O
T
9
S
L
O
T
7
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
S
L
O
T
8
i
VS1 and iVS6
i
VSCaseSpecifications
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
Pin Connectors
1
2
3
~
N
1
2
3
4
L
L
L
AC Input Single Phase
3 Phase
PinNo.
Function
1
AC neutral
Line1
2
ACline(hot)
Line 2
3
Chassis(earth)
ground
Line3
4
Chassis(earth)
ground
PFC Input Connector (control & signals)
PinNo. Function
1
InputACOK-“emitter”
2
InputACOK-“collector”
3
GlobalDCOK-“emitter”
4
GlobalDCOK-“collector”
5
Noconnection
6
Globalinhibit/optionalenablelogic“0”
7
Globalinhibit/optionalenablelogic“1”
8
Globalinhibit/optionalenablereturn
9
+5VSBhousekeeping
10
+5VSBhousekeepingreturn
Mateswith
Molex90142-0010Housing
90119-2110Pin
ConnectorKitPartNo.:
70-841-004
Figure 1. AC Input
Figure 2. Connector J1
S
L
O
T
9
S
L
O
T
7
S
L
O
T
8
S
L
O
T
6
S
L
O
T
4
S
L
O
T
2
S
L
O
T
3
S
L
O
T
1
S
L
O
T
5
Input
90-264Vac
170-264Vac
i
VS1= 5”x5”x11”
1500Wmax. 3210Wmax.
(127x127x279.4)
9availableslots
i
VS6= 5”x5”x11”
N/A
170-264Vac
(127x127x279.4)
3210Wmax.
9availableslots
3-phaseonly
i
VS3, and iVS8
I2C Bus Output Connector
PinNo. Function
1
Noconnection
2
Noconnection
3
Noconnection
4
Serialclocksignal(SCL)
5
Serialdatasignal(SDA)
6
Address bit 0 (A0)
7
Addressbit1(A1)
8
Address bit 2 (A2)
9
Secondaryreturn(GND)
10
5VCCexternalbus(5VCCbus)
Mateswith
Landwin 2050S1000Housing
2053T011VPin
or
JSTPHDR-10VSHousing
JSTSPHD-002T-P0.5(28-24)
JSTSPHD-001T-P0.5(26-22)
ConnectorKitPartNo.:
70-841-023
Figure 3. Connector J2
1
2
3
~
N
1
2
3
4
φ1
φ2
φ3
L
L
L
42
3
1
i
VS1,iVS3
i
VS6
i
VS8
i
VS8= 5”x8”x11”
N/A
170-264Vac
(127x203.2x279.4)
4920Wmax.
14availableslots
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com