Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 1 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 1 Page - Emerson Network Power

  IVS Datasheet HTML 1Page - Emerson Network Power IVS Datasheet HTML 2Page - Emerson Network Power IVS Datasheet HTML 3Page - Emerson Network Power IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 01.10.11_41
iVS Series
1 of 12
Embedded Power for
Business-Critical Continuity
IntelligentVSPower
Up to 4920 Watts
Special Features
•FullmedicalEN60601approval
•IntelligentI2C control
•Voltageadjustmentonalloutputs
(manualorI2C)
•Configurableinputandoutput
OKsignalsandindicators
•Configurableinhibit/enable
•ConfigurableoutputUP/DOWN
sequencing
•Highpowerdensity(12W/cu-in)
•Intelligentfan(speedcontrol/
fault status)
•uPcontrolledPFCinputwith
activeInrushprotection
•I2Cmonitorofvoltage,current,
and temperature
•Programmablevoltage,current
limit,inhibit/enablethroughI2C
•Optionalextendedhold-up
module (SEMIF47compliance)
•Increasedpowerdensityto150%
•Optionalconformalcoating
•Industrialtemprange(-40ºCto
70ºC)
•UsesstandardiMP modules
•Fieldupgradeablefirmware
•RoHScompliant
Total Power: Up to 4920 Watts
Input Voltage:85-264Vdc
120-300Vdc
# of Outputs: Up to 24
Electrical Specifications
Safety
• UL
UL60950/UL2601
• CSA
CSA22.2No.234Level5
• VDE
EN60950/EN60601-1
• BABT
CompliancetoEN60950/
EN60601BS7002
• CB
Certificate and report
• CE
MarktoLVD
Font: Minion Bold for VS
Minion italic for i ; size for each is the same
Created on Mac
Color: "i" 100% Blue, 50% Magenta,
0% Yellow, 0% Black
"VS" - 100% Black
TM
Input
Inputrange:
i
VS1&iVS3 90-264Vac1Ø;120-300Vdc
i
VS6&iVS8 170-264Vac3Ø
Frequency:
47-440Hz
Inrushcurrent:
40Apeakmaximum(softstart)
Efficiency:
Upto85%@fullcaseload
PowerFactor:
0.99typ.meetsEN61000-3-2
Turn-ontime:
ACon1.5sectypical,inhibit/enable150mstypicalProgrammable;
50msinternalturn-ondelay(DualOutputonly)
EMIFilter:
CISPR22/EN55022Level“B”
Leakagecurrent:
500µAmax.@240Vac;47-63Hz
RadiatedEMI:
CISPR22/EN55022Level“B”
Holdoverstorage:
10msminimum(independentofinputVac)additional20mSEC
holdoverstoragewithoptionalHUPmodule
(SEMIF47compatible)
ACOK:
>5msearlywarningminutesbeforeoutputsloseregulationFullcycle
ridethru(50Hz).Programmable
Harmonicdistortion:
MeetsEN61000-3-2
Isolation:
MeetsEN60950andEN60601
Globalinhibit/enable: TTL,Logic“1”andLogic“0”;configurable
Warranty:
3years
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS Datasheet
3Mb / 11P
Intelligent VS Power
IVS1 EMERSON-NETWORKPOWER-IVS1 Datasheet
2Mb / 11P
IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
logo
Emerson Network Power
IVS1-5L1-1Q1-2EO-4LL0-00 EMERSON-NETWORKPOWER-IVS1-5L1-1Q1-2EO-4LL0-00 Datasheet
2Mb / 11P
IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
More results

Similar Description - IVS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
INTELLIGENT POWER MODULES
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS Datasheet
3Mb / 11P
Intelligent VS Power
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
INTELLIGENT POWER MODULES
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
Intelligent VS Power Up to 4920 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com