Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 9 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 9 Page - Emerson Network Power

Back Button IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power IVS Datasheet HTML 10Page - Emerson Network Power IVS Datasheet HTML 11Page - Emerson Network Power IVS Datasheet HTML 12Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev. 01.10.11_41
iVS Series
9 of 12
Embedded Power for
Business-Critical Continuity
AC INPUT
CONNECTOR
OUTPUT MODULE
AREA
A
19.1
279.4±1.27
USB PROGRAMMING
CONNECTOR OPTION
I2C
SELV CONTROL
CONNECTOR
C
B
A
171.45
A
C
B
B
C
M4 MTG HOLES 4 PL
“MOUNTING HOLES DIMENSIONS IDENTICAL ON BOTH SIDES
#8-32 MTG HOLES
5PL
MARKED “A”
6, 7 REF
203.2±0.5
98
52.6
42
61.2
81.5
DC OK LED
AC OK LED
FAN
80 X 80 X 38mm
29.1
171.5
16.2
19.1
171.5
M4 MTG HOLES
5 PL
MARKED “B”
A
BA
BA
A
A
A
B
B
B
REVERSE AIRFLOW DIRECTION
NORMAL AIRFLOW DIRECTION
8-InchCaseSize:iVS3:5”x8”x11”(127mmx203.2mmx279.4mm)
Weight:iVS3Case:9.0lbs.•1500WSingle2.0lbs.•750WSingle:1.6lbs.
•360WSingle:1.0lb.•210WSingle:0.6lb.•144WDual:0.6lb.
i
VSSeries
i
VS3(1800/4500
WattsMax)
Notes
1. Input:Barriertype.ThreeM4screws(0.512”centers).Maxtorque:7in-lbs.(0.79N-m).
2. Controlconnectors:(J1)10positionhousing,goldplatedcontacts.MateswithMolex90142-0010housingwith90119-2110crimpcontacts(MolexC-GridIIISeries).
Connectorkitincludesmatingconnectorand10pins,Astecpart#70-841-004.(J2)10positionhousing(Landwin2051P1000T).Mateswithhousing2050S1000
(Landwin)with2053T011P(Landwin)pins.
3. Chassismaterial:aluminumwithchemicalfilmcoating(conductive).
4. Alldimensionsareinmillimetersandinches,andaretypical.
5. Customermounting-3sidesM4,bottomalsoincludes8-32mountingholes.Max.penetrationis0.155”(4.0mm).Max.torque:5in-lbs.(0.57N-m).
6. Outputmoduleconnections:AllsingleO/PmodulesareM4x8mmscrews.Max.torque:10in-lbs.(1.13N-m).
DualO/PmoduleisM3x8mmscrews.Max.torque:5in-lbs.(0.57N-m).
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com