Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 10 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 10 Page - Emerson Network Power

Back Button IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power IVS Datasheet HTML 10Page - Emerson Network Power IVS Datasheet HTML 11Page - Emerson Network Power IVS Datasheet HTML 12Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev. 01.10.11_41
iVS Series
10 of 12
Embedded Power for
Business-Critical Continuity
279.4±1.0
63.5
DC OK
LED
5.0±0.5
293.0±1.2
127.0±0.5
12.0
57.4
33.5
13.5
AC OK
LED
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
USB PROGRAMMING
CONNECTOR OPTION
I2C CONNECTOR
SELV CONTROL
CONNECTOR
171.5 (2X)
19.1 (2X)
GND
AC INPUT
CONNECTOR
171.5 (2X)
19.1 (2X)
L3
L2
L1
19.1 (2X)
171.5 (2X)
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
FOR #8-32 SCREW (4X)
(SYSTEM MOUNTING)
29.1 (2X)
171.5 (2X)
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
20.3±0.6
REVERSE AIRFLOW DIRECTION
NORMAL AIRFLOW DIRECTION
5-InchCaseSize:iVS6:5”x5”x11”(127mmx127mmx279.4mm)
Weight:iVS6Case:6.0lbs.•1500WSingle2.0lbs.
•750WSingle:1.6lbs.•360WSingle:1.0lb.
•210WSingle:0.6lb.•144WDual:0.6lb.
i
VSSeries
i
VS6(3210
WattsMax)
Notes
1. Input:Barriertype.FourM3screws(0.325”centers).Maxtorque:6in-lbs.(0.67N-m).
2. Controlconnectors:(J1)10positionhousing,goldplatedcontacts.MateswithMolex90142-0010housingwith90119-2110crimpcontacts(MolexC-GridIIISeries).
Connectorkitincludesmatingconnectorand10pins,Astecpart#70-841-004.(J2)10positionhousing(Landwin2051P1000T).Mateswithhousing2050S1000
(Landwin)with2053T011P(Landwin)pins.
3. Chassismaterial:aluminumwithchemicalfilmcoating(conductive).
4. Alldimensionsareinmillimetersandinches,andaretypical.
5. Customermounting-3sidesM4,bottomalsoincludes8-32mountingholes.Max.penetrationis0.155”(4.0mm).Max.torque:5in-lbs.(0.57N-m).
6. Outputmoduleconnections:AllsingleO/PmodulesareM4x8mmscrews.Max.torque:10in-lbs.(1.13N-m).
DualO/PmoduleisM3x8mmscrews.Max.torque:5in-lbs.(0.57N-m).
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com