Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1310A Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 28Page - Texas Instruments TUSB1310A Datasheet HTML 29Page - Texas Instruments TUSB1310A Datasheet HTML 30Page - Texas Instruments TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments TUSB1310A Datasheet HTML 35Page - Texas Instruments TUSB1310A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
6
ELECTRICAL SPECIFICATIONS
6.1
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD1P1 steady-state supply voltage
–0.3 to 1.4
V
VDD1P8 steady-state supply voltage
–0.3 to 2.45
V
VDDA1P1 steady-state supply voltage
–0.3 to 1.4
V
VDDA1P8 steady-state supply voltage
–0.3 to 2.45
V
VDDA3P3 steady-state supply voltage
–0.3 to 3.8
V
6.2
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDDA3P3
Analog 3.3 supply voltage
2.97
3.3
3.63
V
VDDA1P8
Analog 1.8 supply voltage
1.71
1.8
1.98
V
VDDA1P1
Analog 1.1 supply voltage
1.045
1.1
1.155
V
VDD1P8
Digital IO 1.8 supply voltage
1.62
1.8
1.98
V
VDD1P1
Digital 1.1 supply voltage
1.045
1.1
1.155
V
VBUS
Voltage at VBUS PAD
0
1.155
V
TA
Operating free-air temperature range
-40
85
°C
TJ
Operating junction temperature range
-40
105
°C
Human body model (HBM)
2000
ESD
V
Charged device model (CDM)
500
6.3
DC CHARACTERISTICS for 1.8-V DIGITAL IO
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
0.65 VDDS
V
VIL
Low-level input voltage
0.35 VDDS
V
IO = -2 mA,
VDDS = 1.62 V to 1.98 V,
VDDS - 0.45
driver enabled, pullup or
pulldown disabled
VOH
V
IO = -2 mA,
VDDS = 1.4 V to 1.6 V,
0.75 VDDS
driver enabled, pullup or
pulldown disabled
IO = 2 mA,
VDDS = 1.62 V to 1.98 V,
0.45
driver enabled, pullup or
pulldown disabled
VOL
V
IO = 2 mA,
VDDS = 1.4 V to 1.6 V,
0.25 VDDS
driver enabled, pullup or
pulldown disabled
Vhys
Input hysteresis
100
270
mV
Any receiver, including those
with a pullup or pulldown. The
II
±1
µA
pullup or pulldown must be
disabled.
32
ELECTRICAL SPECIFICATIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com