Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1310A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 3Page - Texas Instruments TUSB1310A Datasheet HTML 4Page - Texas Instruments TUSB1310A Datasheet HTML 5Page - Texas Instruments TUSB1310A Datasheet HTML 6Page - Texas Instruments TUSB1310A Datasheet HTML 7Page - Texas Instruments TUSB1310A Datasheet HTML 8Page - Texas Instruments TUSB1310A Datasheet HTML 9Page - Texas Instruments TUSB1310A Datasheet HTML 10Page - Texas Instruments TUSB1310A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
USB 3.0 Transceiver
Check for Samples: TUSB1310A
1
PRODUCT OVERVIEW
1.1
Features
1
• Universal Serial Bus (USB)
– Single Port 5.0-Gbps USB 3.0 Physical Layer Transceiver
•
One 5.0-Gbps SuperSpeed Connection
•
One 480-Mbps HS/FS/LS Connection
– Fully Compliant with USB 3.0 Specification, Revision 1.0
– Supports 3+ Meters USB 3.0 Cable Length
– Fully Adaptive Equalizer to Optimize Receiver Sensitivity
– PIPE to Link Layer Controller
•
Supports 16-Bit SDR Mode at 250 MHz
•
Compliant With PHY Interface for the USB Architectures (PIPE), Version 3.0
– ULPI to Link Layer Controller
•
Supports 8-Bit SDR Mode at 60 MHz
•
Supports Synchronous Mode and Low Power Mode
•
Compliant with UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1
• General Features
– IEEE 1149.1 JTAG Support
– IEEE 1149.6 JTAG support for the SuperSpeed Port
– Operates on a Single Reference Clock of 40 MHz
– 3.3-, 1.8-, and 1.1-V Supply Voltages
– 1.8-V PIPE and ULPI I/O
– Available in Lead-Free 175-Ball 12- x 12-nF BGA Package (175ZAY)
1.2
Target Applications
• Surveillance Cameras
• Multimedia Handset
• Smartphone
• Digital Still Camera
• Portable Media Player
• Personal Navigation Device
• Audio Dock
• Video IP Phone
• Wireless IP Phone
• Software Defined Radio
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com