| Electronic Components Datasheet Search |
|
TUSB1310A Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1310A Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 42 page ![]() TUSB1310A SLLSE32D – NOVEMBER 2010 – REVISED MAY 2011 www.ti.com 3.4.3 8b/10b Decode Errors When the TUSB1310A detects an 8b/10b decode error, it will assert a SUB symbol in the data on the RX_DATA where the bad byte occurred. In the same clock cycle that the SUB symbol is asserted on the RX_DATA, the 8b/10b decode error code (100b) will be asserted on the RX_STATUS. 8b/10b Decoding error has priority over all other receiver error codes and could mask out a disparity error occurring on the other byte of data being clocked onto the RX_DATA with the SUB symbol. Table 3-6. 8b/10b Decode Errors RX_STATUS2-0 DETECTED ERROR LENGTH Clock cycles during the ef fected byte is transferred on 100b 8B/10B Decode Error RX_DATA15-0 3.4.4 Elastic Buffer Errors When the elastic buffer overflows, data is lost during the reception of the data. The elastic buffer overflow error code (101b) will be asserted on the RX_STATUS on the PCLK cycle the omitted data would have been asserted. The data asserted on the RX_DATA is still valid data, the elastic buffer overflow error code on the RX_STATUS just marks a discontinuity point in the data stream being received. When the elastic buffer underflows, SUB symbols are inserted into the data stream on the RX_DATA to fill the holes created by the gaps between valid data. For every PCLK cycle a SUB symbol is asserted on the RX_DATA, an elastic buffer underflow error code (111b) is asserted on the RX_STATUS. In Nominal Empty buffer mode, SKP ordered sets are transferred on RX_DATA and the underflow is not signaled. Table 3-7. Elastic Buffer Errors RX_STATUS2-0 DETECTED ERROR LENGTH 101b Elastic Buffer overflow Clock cycles the omitted data would have appeared Clock cycles during the SUB symbol presence on 110b Elastic Buffer underflow. RX_DATA15-0 3.4.5 Disparity Errors When the TUSB1310A detects a disparity error, it will assert a disparity error code (111b) on the RX_STATUS in the same PCLK cycle it asserts the erroneous data on the RX_DATA. The disparity code does not discern which byte on the RX_DATA is the erroneous data. Table 3-8. Disparity Errors RX_STATUS2-0 DETECTED ERROR LENGTH Clock cycles during the ef fected byte is transferred 111b Disparity Error on RX_DATA15-0 3.5 Loopback The TUSB1310A begins an internal loopback operation from SSRXP/SSRXN differential pairs to SSTXP/SSTXN differential pairs when the TX_DETRX_LPBK is asserted while holding TX_ELECIDLE de-asserted. The TUSB1310A will stop transmitting data to the SSTXP/SSTXN signaling pair from the TX_DATA and begin transmitting on the SSTXP/SSTXN signaling pair the data received at the SSRXP/SSRXN signaling pair. This data is not routed through the 8b/10b coding/encoding paths. While in the loopback operation, the received data is still sent to the RX_DATA. The data sent to the RX_DATA is routed through the 10b/8b decoder. The TX_DETRX_LPBK de-assertion will terminate the loopback operation and return to transmitting TX_DATA over the SSTXP/SSTXN signaling pair. The TUSB1310A only transitions out of loopback on detection of LFPS signaling by transitioning to P2 state and starting the LFPS handshake. 22 FUNCTIONAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TUSB1310A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |