Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16C21 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Rev. 1.00
6
November 22, 2011
HT16C21
D.C. Characteristics
VSS = 0V; VDD = 2.4 to 5.5V; Ta =-40~85°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
—
—
2.4
—
5.5
V
VLCD
Operating Voltage
—
—
—
—
VDD
V
IDD
Operating Current
3V
No load, VLCD=VDD, 1/3bias,
fLCD=80Hz, LCD display on,
internal system oscillator on,
DA0~DA3 are set to "0000"
—
18
27
μA
5V
—
25
40
μA
IDD1
Operating Current
3V
No load, VLCD=VDD, 1/3bias
fLCD=80Hz, LCD display off,
internal system oscillator on,
DA0~DA3 are set to "0000"
—
2
5
μA
5V
—
4
10
μA
ISTB
Standby Current
3V
No load, VLCD=VDD,
LCD display off,
internal system oscillator off
—
—
1
μA
5V
—
—
2
μA
VIH
Input High Voltage
—
SDA ,SCL
0.7VDD
—
VDD
V
VIL
Input Low Voltage
—
SDA, SCL
0
—
0.3VDD
V
IIL
Input Leakage Current
—
VIN = VSS or VDD
-1
—
1
μA
IOL
Low Level Output Current
3V
VOL=0.4V
SDA
3
—
—
mA
5V
6
—
—
mA
IOL1
LCD COM Sink Current
3V
VLCD=3V, VOL=0.3V
250
400
—
μA
5V
VLCD=5V, VOL=0.5V
500
800
—
μA
IOH1
LCD COM Source Current
3V
VLCD=3V, VOH=2.7V
-140
-230
—
μA
5V
VLCD=5V, VOH=4.5V
-300
-500
—
μA
IOL2
LCD SEG Sink Current
3V
VLCD=3V, VOL=0.3V
250
400
—
μA
5V
VLCD=5V, VOL=0.5V
500
800
—
μA
IOH2
LCD SEG Source Current
3V
VLCD=3V, VOH=2.7V
-140
-230
—
μA
5V
VLCD=5V, VOH=4.5V
-300
-500
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com