Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16C21 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Rev. 1.00
7
November 22, 2011
HT16C21
A.C. Characteristics
VSS = 0V; VDD = 2.4 to 5.5V; Ta =-40~85°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
fLCD1
LCD Frame Frequency
4V
1/4duty, Ta =25°C
72
80
88
Hz
fLCD2
LCD Frame Frequency
4V
1/4duty, Ta =25°C
144
160
176
Hz
fLCD3
LCD Frame Frequency
4V
1/4duty, Ta=- 40 to +85°C
52
80
124
Hz
fLCD4
LCD Frame Frequency
4V
1/4duty, Ta=-40 to +85°C
104
160
248
Hz
tOFF
VDD Off Times
—
VDD drop down to 0V
20
—
—
ms
tSR
VDD Slew Rate
—
—
0.05
—
—
V/ms
Note: 1. If the conditions of Power on Reset timing are not satisfied during the power ON/OFF sequence, the
internal Power on Reset (POR) circuit will not operate normally.
2. If the VDD voltage drops below the minimum voltage of operating voltage spec. during operating, the
Power on Reset timing conditions must also be satisfied. That is, the VDD voltage must drop to 0V and
remain at 0V for 20ms (min.) before rising to the normal operating voltage.
A.C. Characteristics – I2C Interface
Symbol
Parameter
Condition
VDD=2.4V to 5.5V VDD=3.0V to 5.5V
Unit
Min.
Max.
Min.
Max.
fSCL
Clock Frequency
—
—
100
—
400
kHz
tBUF
Bus Free Time
Time in which the bus
must be free before a new
transmission can start
4.7
—
1.3
—
μs
tHD: STA
Start Condition Hold Time
After this period, the first
clock pulse is generated
4
—
0.6
—
μs
tLOW
SCL Low Time
—
4.7
—
1.3
—
μs
tHIGH
SCL High Time
—
4
—
0.6
—
μs
tSU: STA
Start Condition Setup Time Only relevant for repeated
START condition
4.7
—
0.6
—
μs
tHD: DAT
Data Hold Time
—
0
—
0
—
ns
tSU: DAT
Data Setup Time
—
250
—
100
—
ns
tR
SDA and SCL Rise Time
Note
—
1
—
0.3
μs
tF
SDA and SCL Fall Time
Note
—
0.3
—
0.3
μs
tSU: STO
Stop Condition Set-up Time
—
4
—
0.6
—
μs
tAA
Output Valid from Clock
—
—
3.5
—
0.9
μs
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
—
100
—
50
ns
Note: These parameters are periodically sampled but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com