Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16C21 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Rev. 1.00
10
November 22, 2011
HT16C21
Output
COM7/
SEG3
COM6/
SEG2
COM5/
SEG1
COM4/
SEG0
COM3
COM2
COM1
COM0
address
SEG4
00H
SEG5
01H
SEG6
02H
SEG7
03H
SEG8
04H
SEG9
05H
SEG10
06H
SEG11
07H
SEG12
08H
SEG13
09H
SEG14
0AH
SEG15
0BH
SEG16
0CH
SEG17
0DH
SEG18
0EH
SEG19
0FH
D7
D6
D5
D4
D3
D2
D1
D0
Data
RAM mapping of 16x8 display mode
D0
MSB
LSB
D1
D2
D3
D4
D5
D6
D7
LCD
LED0
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED
Display data transfer format for I2C interface
System Oscillator
The timing for the internal logic and the LCD drive signals are generated by an internal oscillator. The System
Clock frequency (fSYS) determines the LCD frame frequency. During initial system power on the System Oscillator
will be in the stop state.
LCD Bias Generator
The full-scale LCD voltage (VOP) is obtained from (VLCD – VSS). The LCD voltage may be temperature
compensated externally through the Voltage supply to the VLCD pin.
Fractional LCD biasing voltages, known as 1/3 or 1/4 bias voltage, are obtained from an internal voltage divider of
four series resistors connected between VLCD and VSS. The centre resistor can be switched out of circuits to provide
a 1/3bias voltage level configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com