Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC403 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 8Page - Vishay Siliconix SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.vishay.com
12
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Because the on-times are forced to occur at intervals no
greater than 40 µs, the frequency will not fall below ~ 25 kHz.
Figure 5 shows ultra-sonic power-save operation.
Benefits of Ultrasonic Power-Save
Having a fixed minimum frequency in power-save has some
significant advantages as below:
• The minimum frequency of 25 kHz is outside the audible
range of human ear. This makes the operation of the
SiC403 very quiet.
• The output voltage ripple seen in power-save mode is
significant lower than conventional power-save, which
improves efficiency at light loads.
• Lower ripple in power-save also makes the power
component selection easier.
Figure 6 shows the behavior under power-save and
continuous conduction mode at light loads.
Smart Power-Save Protection
Active loads may leak current from a higher voltage into the
switcher
output.
Under
light
load
conditions
with
power-save-power-save enabled, this can force VOUT to
slowly rise and reach the over-voltage threshold, resulting in
a hard shutdown. Smart power-save prevents this condition.
When the FB voltage exceeds 10 % above nominal (exceeds
825 mV), the device immediately disables power-save, and
DL drives high to turn on the low-side MOSFET. This draws
current from VOUT through the inductor and causes VOUT to
fall. When VFB drops back to the 750 mV trip point, a normal
tON switching cycle begins.
This method prevents a hard OVP shutdown and also cycles
energy from VOUT back to VIN. It also minimizes operating
power by avoiding forced conduction mode operation.
Figure 7 shows typical waveforms for the smart power-save
feature.
Current Limit Protection
The SiC403 features programmable current limit capability,
which is accomplished by using the RDS(ON) of the lower
MOSFET for current sensing. The current limit is set by RILIM
resistor. The RILIM resistor connects from the ILIM pin to the
LX pin which is also the drain of the low-side MOSFET.
When the low-side MOSFET is on, an internal ~ 10 µA
current flows from the ILIM pin and the RILIM resistor, creating
a voltage drop across the resistor. While the low-side
MOSFET is on, the inductor current flows through it and
creates a voltage across the RDS(ON). The voltage across the
MOSFET is negative with respect to ground.
If this MOSFET voltage drop exceeds the voltage across
RILIM, the voltage at the ILIM pin will be negative and current
limit will activate. The current limit then keeps the low-side
MOSFET on and will not allow another high-side on-time,
until the current in the low-side MOSFET reduces enough to
bring the ILIM voltage back up to zero. This method regulates
the inductor valley current at the level shown by ILIM in
figure 8.
Setting the valley current limit to 6 A results in a 6 A peak
inductor current plus peak ripple current. In this situation, the
average (load) current through the inductor is 6 A plus
one-half the peak-to-peak ripple current.
The
internal
8
µA
current
source
is
temperature
compensated at 4100 ppm in order to provide tracking with
the RDS(ON). The RILIM value is calculated by the following
equation.
RILIM = 1176 x ILIM
Figure 6 - Ultrasonic Power-Save Operation Mode
Figure 7 - Smart Power-Save
Figure 8 - Valley Current Limit
VOUT drifts up to due to leakage
current flowing into COUT
Smart power save
threshold (825 mV)
FB
threshold
DH and DL off
High-side
drive (DH)
Low-side
drive (DL)
Normal VOUT ripple
VOUT discharges via inductor
and low-side MOSFET
Single DH on-time pulse
after DL turn-off
Normal DL pulse after DH
on-time pulse
DL turns on when smart
PSAVE threshold is reached
DL turns off FB
threshold is reached
IPEAK
ILOAD
ILIM
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com