Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC403 Datasheet(PDF) 17 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix SIC403 Datasheet HTML 20Page - Vishay Siliconix SIC403 Datasheet HTML 21Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
17
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Another way to eliminate doubling-pulsing is to add a small
(~ 10 pF) capacitor across the upper feedback resistor, as
shown in figure 11. This capacitor should be left unpopulated
until it can be confirmed that double-pulsing exists. Adding
the CTOP capacitor will couple more ripple into FB to help
eliminate the problem. An optional connection on the PCB
should be available for this capacitor.
ESR loop instability is caused by insufficient ESR. The
details of this stability issue are discussed in the ESR
Requirements section. The best method for checking
stability is to apply a zero-to-full load transient and observe
the output voltage ripple envelope for overshoot and ringing.
Ringing for more than one cycle after the initial step is an
indication that the ESR should be increased.
One simple way to solve this problem is to add trace
resistance in the high current output path. A side effect of
adding trace resistance is output decreased load regulation.
ESR Requirements
A minimum ESR is required for two reasons. One reason is
to generate enough output ripple voltage to provide10 mVp-p
at the FB pin (after the resistor divider) to avoid
double-pulsing.
The second reason is to prevent instability due to insufficient
ESR. The on-time control regulates the valley of the output
ripple voltage. This ripple voltage is the sum of the two
voltages. One is the ripple generated by the ESR, the other
is the ripple due to capacitive charging and discharging
during the switching cycle. For most applications the
minimum ESR ripple voltage is dominated by the output
capacitors, typically SP or POSCAP devices. For stability the
ESR zero of the output capacitor should be lower than
approximately one-third the switching frequency. The
formula for minimum ESR is shown by the following
equation.
For applications using ceramic output capacitors, the ESR is
normally too small to meet the above ESR criteria. In these
applications it is necessary to add a small virtual ESR
network composed of two capacitors and one resistor, as
shown in figure 12. This network creates a ramp voltage
across CL, analogous to the ramp voltage generated across
the ESR of a standard capacitor. This ramp is then
capacitive-coupled into the FB pin via capacitor CC.
Dropout Performance
The output voltage adjusts range for continuous-conduction
operation is limited by the fixed 250 ns (typical) minimum
off-time of the one-shot. When working with low input
voltages, the duty-factor limit must be calculated using
worst-case values for on and off times. The duty-factor
limitation is shown by the next equation.
The inductor resistance and MOSFET on-state voltage drops
must be included when performing worst-case dropout
duty-factor calculations.
System DC Accuracy (VOUT Controller)
Three factors affect VOUT accuracy: the trip point of the FB
error comparator, the ripple voltage variation with line and
load, and the external resistor tolerance. The error
comparator off set is trimmed so that under static conditions
it trips when the feedback pin is 750 mV, 1 %.
The on-time pulse from the SiC403 in the design example is
calculated to give a pseudo-fixed frequency of 250 kHz.
Some frequency variation with line and load is expected.
This variation changes the output ripple voltage. Because
constant on-time converters regulate to the valley of the
output ripple, ½ of the output ripple appears as a DC
regulation error. For example, if the output ripple is 50 mV
with VIN = 6 V, then the measured DC output will be 25 mV
above the comparator trip point. If the ripple increases to
80 mV with VIN = 25 V, then the measured DC output will be
40 mV above the comparator trip. The best way to minimize
this effect is to minimize the output ripple.
Figure 11 - Capacitor Coupling to FB Pin
VOUT
R1
R2
To FB pin
CTOP
ESRMIN =
3
2 x
π x COUT x fSW
Figure 12 - Virtual ESR Ramp Current
COUT
High-
side
Low-
side
FB
pin
L
R1
R2
RL
CL
CC
DUTY =
TON(MIN)
TON(MIN) x TOFF(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com