Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC403 Datasheet(PDF) 24 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 24 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix SIC403 Datasheet HTML 20Page - Vishay Siliconix SIC403 Datasheet HTML 21Page - Vishay Siliconix SIC403 Datasheet HTML 22Page - Vishay Siliconix SIC403 Datasheet HTML 23Page - Vishay Siliconix SIC403 Datasheet HTML 24Page - Vishay Siliconix SIC403 Datasheet HTML 25Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Document Number: 64714
www.vishay.com
Revision: 29-Dec-08
1
Package Information
Vishay Siliconix
PowerPAK® MLP55-32L CASE OUTLINE
Notes
1. Use millimeters as the primary measurement.
2. Dimensioning and tolerances conform to ASME Y14.5M. - 1994.
3. N is the number of terminals.
Nd is the number of terminals in X-direction and Ne is the number of terminals in Y-direction.
4. Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip.
5. The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body.
6. Exact shape and size of this feature is optional.
7. Package warpage max. 0.08 mm.
8. Applied only for terminals.
by marking
Pin 1 dot
Top View
D
(5 mm x 5 mm)
32L T/SLP
(Nd-1) Xe
Ref.
Bottom View
Side View
D2 - 1
R0.200
Pin #1 identification
D2 - 4
D2 - 3
D4
9
24
25
32
A
0.10 CB
2x
0.08 C
C
A
A2
A1
B
0.36
0.360
5
6
D2 - 2
0.10 CA
2x
8
17
16
1
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.80
0.85
0.90
0.031
0.033
0.035
A1(8)
0.00
-
0.05
0.000
-
0.002
A2
0.20 REF.
0.008 REF.
b(4)
0.20
0.25
0.30
0.078
0.098
0.011
D
5.00 BSC
0.196 BSC
e
0.50 BSC
0.019 BSC
E
5.00 BSC
0.196 BSC
L
0.35
0.40
0.45
0.013
0.015
0.017
N(3)
32
32
Nd(3)
88
Ne(3)
88
D2 - 1
3.43
3.48
3.53
0.135
0.137
0.139
D2 - 2
1.00
1.05
1.10
0.039
0.041
0.043
D2 - 3
1.00
1.05
1.10
0.039
0.041
0.043
D2 - 4
1.92
1.97
2.02
0.075
0.077
0.079
E2 - 1
3.43
3.48
3.53
0.135
0.137
0.139
E2 - 2
1.61
1.66
1.71
0.063
0.065
0.067
E2 - 3
1.43
1.48
1.53
0.056
0.058
0.060
ECN: T-08957-Rev. A, 29-Dec-08
DWG: 5983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com