Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC403 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.vishay.com
14
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
In the first method, the LDO is already in regulation and the
DC/DC converter is later enabled. As soon as the PGOOD
output goes high, the 32 cycles are started. The voltages at
the VLDO and VOUT pins are then compared; if the two
voltages are within ± 300 mV of each other, the VLDO pin
connects to the VOUT pin using an internal switch, and the
LDO is turned off.
In the second method, the DC/DC converter is already
running and the LDO is enabled. In this case the 32 cycles
are started as soon as the LDO reaches 90 % of its final
value. At this time, the VLDO and VOUT pins are compared,
and if within ± 300 mV the switch-over occurs and the LDO
is turned off.
Benefits of having a switchover circuit
The switchover function is designed to get maximum
efficiency out of the DC/DC converter. The efficiency for an
LDO is very low especially for high input voltages. Using the
switchover function we tie any rails connected to VLDO
through a switch directly to VOUT. Once switchover is
complete LDO is turned off which saves power. This gives us
the maximum efficiency out of the SiC403.
If the LDO output is used to bias the SiC403, then after
switchover the VOUT self biases the SiC403 and operates in
self-powered mode.
Steps to follow when using the on chip LDO to bias the
SiC403:
• Always tie the VDD to VLDO before enabling the LDO
• Enable the LDO before enabling the switcher
• LDO has a current limit of 40 mA at start-up, so do not
connect any load between VLDO and ground
• The current limit for the LDO goes up to 200 mA once the
VLDO reaches 90 % of its final values and can easily supply
the required bias current to the IC.
Switch-over Limitations on VOUT and VLDO
Because the internal switch-over circuit always compares
the VOUT and VLDO pins at start-up, there are limitations on
permissible combinations of VOUT and VLDO. Consider the
case where VOUT is programmed to 1.5 V and VLDO is
programmed to 1.8 V. After start-up, the device would
connect VOUT to VLDO and disable the LDO, since the two
voltages are within the ± 300 mV switch-over window.
To avoid unwanted switch-over, the minimum difference
between the voltages for VOUT and VLDO should be
± 500 mV.
It is not recommended to use the switch-over feature for an
output voltage less than 3 V since this does not provide
sufficient voltage for the gate-source drive to the internal
p-channel switch-over MOSFET.
Switch-Over MOSFET Parasitic Diodes
The switch-over MOSFET contains parasitic diodes that are
inherent to its construction, as shown in figure 10.
There are some important design rules that must be followed
to prevent forward bias of these diodes. The following two
conditions need to be satisfied in order for the parasitic
diodes to stay off.
• VDD  VLDO
• VDD  VOUT
If either VLDO or VOUT is higher than VDD, then the respective
diode will turn on and the SiC403 operating current will flow
through this diode. This has the potential of damaging the
device.
ENL Pin and VIN UVLO
The ENL pin also acts as the switcher under-voltage lockout
for the VIN supply. The VIN UVLO voltage is programmable
via a resistor divider at the VIN, ENL and AGND pins.
ENL is the enable/disable signal for the LDO. In order to
implement the VIN UVLO there is also a timing requirement
that needs to be satisfied.
If the ENL pin transitions low within 2 switching cycles and is
< 0.4 V, then the LDO will turn off but the switcher remains
on. If ENL goes below the VIN UVLO threshold and stays
above 1 V, then the switcher will turn off but the LDO remains
on.
The VIN UVLO function has a typical threshold of 2.6 V on the
VIN rising edge. The falling edge threshold is 2.4 V.
Note that it is possible to operate the switcher with the LDO
disabled, but the ENL pin must be below the logic low
threshold (0.4 V maximum).
ENL Logic Control of PWM Operation
When the ENL input is driven above 2.6 V, it is impossible to
determine if the LDO output is going to be used to power the
device or not. In self-powered operation where the LDO will
power the device, it is necessary during the LDO start-up to
hold the PWM switching off until the LDO has reached 90 %
of the final value. This is to prevent overloading the
current-limited LDO output during the LDO start-up.
However, if the switcher was previously operating (with EN/
PSV high but ENL at ground, and VDD supplied externally),
then it is undesirable to shut down the switcher.
To prevent this, when the ENL input is taken above 2.6 V
(above the VIN UVLO threshold), the internal logic checks the
PGOOD signal. If PGOOD is high, then the switcher is already
running and the LDO will run through the start-up cycle
without affecting the switcher. If PGOOD is low, then the LDO
Figure 10 - Switch-over MOSFET Parasitic Diodes
VOUT
VLDO
V5V
Parastic diode
Parastic diode
Switchover
MOSFET
Switchover
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com