Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 16Page - STMicroelectronics STTS2002_11 Datasheet HTML 17Page - STMicroelectronics STTS2002_11 Datasheet HTML 18Page - STMicroelectronics STTS2002_11 Datasheet HTML 19Page - STMicroelectronics STTS2002_11 Datasheet HTML 20Page - STMicroelectronics STTS2002_11 Datasheet HTML 21Page - STMicroelectronics STTS2002_11 Datasheet HTML 22Page - STMicroelectronics STTS2002_11 Datasheet HTML 23Page - STMicroelectronics STTS2002_11 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Temperature sensor registers
STTS2002
20/52
Doc ID 15389 Rev 5
Table 9.
Configuration register bit definitions
Bit
Definition
0
Event mode
– 0 = Comparator output mode (this is the default).
– 1 = Interrupt mode; when either of the lock bits (bit6 or bit7) is set, this bit cannot be altered until it is
unlocked.
1
Event polarity(1)
The event polarity bit controls the active state of the EVENT pin. The EVENT pin is driven to this state
when it is asserted.
– 0 = Active-low (this is the default). Requires a pull-up resistor to set the inactive state of the open-
drain output. The power to the pull-up resistor should not be greater than VDD + 0.2 V. Active state
is logical “0”.
– 1 = Active-high. The active state of the pin is then logical “1”.
2
Critical event only
– 0 = Event output on alarm or critical temperature event (this is the default).
– 1 = Event only if the temperature is above the value in the critical temperature register (TA > TCRIT); when
the alarm window lock bit (bit6) is set, this bit cannot be altered until it is unlocked.
3
Event output control
– 0 = Event output disabled (this is the default).
– 1 = Event output enabled; when either of the lock bits (bit6 or bit7) is set, this bit cannot be altered until it
is unlocked.
4
Event status (read-only)(2)
– 0 = Event output condition is not being asserted by this device.
– 1 = Event output condition is being asserted by this device via the alarm window or critical trip event.
5
Clear event (write-only)(3)
– 0 = No effect.
– 1 = Clears the active event in interrupt mode. The pin is released and will not assert until a new interrupt
condition occurs.
6
Alarm window lock bit
– 0 = Alarm trips are not locked and can be altered (this is the default).
– 1 = Alarm trip register settings cannot be altered. This bit is initially cleared. When set, this bit returns a
logic '1' and remains locked until cleared by an internal power-on reset. These bits can be written to with
a single WRITE, and do not require double WRITEs.
7
Critical trip lock bit
– 0 = Critical trip is not locked and can be altered (this is the default).
– 1 = Critical trip register settings cannot be altered. This bit is initially cleared. When set, this bit returns a
logic '1' and remains locked until cleared by an internal power-on reset. These bits can be written to with
a single WRITE, and do not require double WRITEs.
8
Shutdown mode
– 0 = TS is enabled, continuous conversion (this is the default).
– 1 = Shutdown TS when the shutdown, device, and A/D converter are disabled in order to save power. No
event conditions will be asserted; when either of the lock bits (bit6 or bit7) is set, then this bit cannot be
altered until it is unlocked. It can be cleared at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com