Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 21Page - STMicroelectronics STTS2002_11 Datasheet HTML 22Page - STMicroelectronics STTS2002_11 Datasheet HTML 23Page - STMicroelectronics STTS2002_11 Datasheet HTML 24Page - STMicroelectronics STTS2002_11 Datasheet HTML 25Page - STMicroelectronics STTS2002_11 Datasheet HTML 26Page - STMicroelectronics STTS2002_11 Datasheet HTML 27Page - STMicroelectronics STTS2002_11 Datasheet HTML 28Page - STMicroelectronics STTS2002_11 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
STTS2002
Temperature sensor registers
Doc ID 15389 Rev 5
25/52
A 0.25 °C minimum granularity is supported in all registers. Examples of valid settings and
interpretation of temperature register bits for 10-bit (0.25 °C) default resolution are provided
in Table 13.
4.4
Temperature trip point registers (read/write)
The STTS2002 alarm mode registers provide for 11-bit data in 2s compliment format. The
data provides for one LSB = 0.25 °C. All unused bits in these registers are read as '0'.
The STTS2002 has three temperature trip point registers (see Table 15):
●
Alarm temperature upper boundary threshold (Table 16),
●
Alarm temperature lower boundary threshold (Table 17), and
●
Critical temperature trip point value (Table 18).
Note:
If the upper or lower boundary threshold values are being altered in-system, all interrupts
should be turned off until a known state can be obtained to avoid superfluous interrupt
activity.
Table 13.
Temperature register coding examples (for 10 bits)
B15:B0 (binary)
Value
Units
xxx0 0000 0010 11xx
+2.75
°C
xxx0 0000 0001 00xx
+1.00
°C
xxx0 0000 0000 01xx
+0.25
°C
xxx0 0000 0000 00xx
0
°C
xxx1 1111 1111 11xx
–0.25
°C
xxx1 1111 1110 00xx
–1.00
°C
xxx1 1111 1101 11xx
–2.25
°C
Table 14.
Temperature register bit definitions
Bit
Definition with hysteresis = 0
13
Below (temperature) alarm window
– 0 = Temperature is equal to or above the alarm window lower boundary temperature.
– 1 = Temperature is below the alarm window.
14
Above (temperature) alarm window.
– 0 = Temperature is equal to or below the alarm window upper boundary temperature.
– 1 = Temperature is above the alarm window.
15
Above critical trip
– 0 = Temperature is below the critical temperature setting.
– 1 = Temperature is equal to or above the critical temperature setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com