Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 29Page - STMicroelectronics STTS2002_11 Datasheet HTML 30Page - STMicroelectronics STTS2002_11 Datasheet HTML 31Page - STMicroelectronics STTS2002_11 Datasheet HTML 32Page - STMicroelectronics STTS2002_11 Datasheet HTML 33Page - STMicroelectronics STTS2002_11 Datasheet HTML 34Page - STMicroelectronics STTS2002_11 Datasheet HTML 35Page - STMicroelectronics STTS2002_11 Datasheet HTML 36Page - STMicroelectronics STTS2002_11 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
STTS2002
SPD EEPROM operation
Doc ID 15389 Rev 5
33/52
5.4.1
SWP and CWP
If the software write-protection has been set with the SWP instruction, it can be cleared
again with a CWP instruction.
The two instructions (SWP and CWP) have the same format as a byte write instruction, but
with a different device type identifier (as shown in Table 23). Like the byte write instruction, it
is followed by an address byte and a data byte, but in this case the contents are all “Don’t
Care” (Figure 11). Another difference is that the voltage, VHV, must be applied on the A0 pin,
and specific logical levels must be applied on the other two (A1 and A2, as shown in
Table 23).
5.4.2
PSWP
If the software write-protection has been set with the PSWP instruction, the first 128 bytes of
the memory are permanently write-protected. This write-protection cannot be cleared by
any instruction, or by power-cycling the device. Also, once the PSWP instruction has been
successfully executed, the STTS2002 SPD no longer acknowledges any instruction (with a
device type identifier of 0110) to access the write-protection settings.
Figure 11.
Setting the write protection
Reading write-protection status
The status of software write protection can be determined using these instructions:
●
Read SWP: Read Write Protection status
●
Read PSWP: Read Permanently Set Write Protection status
Read SWP
The controller issues a Read SWP command. If Software Write Protection has not been set,
the device replies to the data byte with an Ack. If Software Write Protection has been set,
the device replies to the data byte with a NoAck.
Read PSWP
The controller issues a Read PSWP command. If Permanent Software Write Protection has
not been set, the device replies to the data byte with an Ack. If Permanent Software Write
Protection has been set, the device replies to the data byte with a NoAck.
SDA LINE
AI01935b
ACK
WORD
ADDRESS
VALUE
(DON'T CARE)
ACK
DATA
VALUE
(DON'T CARE)
ACK
CONTROL
BYTE
BUS ACTIVITY
MASTER
BUS ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com