Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 33Page - STMicroelectronics STTS2002_11 Datasheet HTML 34Page - STMicroelectronics STTS2002_11 Datasheet HTML 35Page - STMicroelectronics STTS2002_11 Datasheet HTML 36Page - STMicroelectronics STTS2002_11 Datasheet HTML 37Page - STMicroelectronics STTS2002_11 Datasheet HTML 38Page - STMicroelectronics STTS2002_11 Datasheet HTML 39Page - STMicroelectronics STTS2002_11 Datasheet HTML 40Page - STMicroelectronics STTS2002_11 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
STTS2002
SPD EEPROM operation
Doc ID 15389 Rev 5
37/52
5.6.2
Current address read - SPD
For the current address read operation, following a start condition, the bus master only
sends a device select code with the RW bit set to 1. The device acknowledges this, and
outputs the byte addressed by the internal address counter. The counter is then
incremented. The bus master terminates the transfer with a stop condition, as shown in
Figure 14, without acknowledging the byte.
5.6.3
Sequential read - SPD
This operation can be used after a current address read or a random address read. The bus
master does acknowledge the data byte output, and sends additional clock pulses so that
the device continues to output the next byte in sequence. To terminate the stream of bytes,
the bus master must not acknowledge the last byte, and must generate a stop condition, as
shown in Figure 14.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output. After the last memory address, the
address counter ‘rolls-over’, and the device continues to output data from memory address
00h.
5.6.4
Acknowledge in read mode
For all read commands, the device waits, after each byte read, for an acknowledgment
during the 9th bit time. If the bus master does not drive serial data (SDA) low during this
time, the device terminates the data transfer and switches to its standby mode.
Table 25 and Table 26 on page 38 show how the Ack bits can be used to identify the write-
protection status.
Table 25.
Acknowledge when writing data or defining the write-protection
(instructions with R/W bit = 0)
Status
Instruction
Ack
Address
Ack
Data byte
Ack
Write
cycle(tW)
Permanently
protected
PSWP, SWP or
CWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
Page or byte write in
lower 128 bytes
Ack
Address
Ack
Data
NoAck
No
Protected
with SWP
SWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
PSWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or byte write in
lower 128 bytes
Ack
Address
Ack
Data
NoAck
No
Not
Protected
PSWP, SWP or
CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or byte write
Ack
Address
Ack
Data
Ack
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com