Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC Datasheet(PDF) 22 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 22 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
22
www.honeywell.com/sensing
TEMPERATURE - THERMISTORS
Small Bead Thermistors
Small Bead thermistors feature relatively uniform size, offer ultra-fast time
response and are highly sensitive to electric power. They are ideally
suited for use in low heat capacity applications and their micro size
makes them perfect for use in extremely small assemblies such as
catheters and hypodermic needles. They are also used in self-heat
applications such as gas analysis, gas flow measurement and thermal
conductivity analysis.
Operating temperature range:
-60 °C to 300 °C [-76 °F to 572 °F]
Encapsulation:
Glass hermetic seal
Lead material:
Platinum iridium
Dissipation constant (DC):
0.1 mW/°C in still air min.
Time constant (TC):
1 s in still air max.
Resistance range at 25 °C [77 °F]:
2 kOhm to 100 kOhm
Glass Probe Thermistors
Glass Probe thermistors are shock resistant, rugged, glass-encapsulated
units that are ideally suited for immersion in fluid and convenient for
mounting in air sensor assemblies. They are available in two
configurations: standard and mini.
Operating temperature range:
-60 °F to 300 °C [-72 °F to 572 °F]
Encapsulation:
Glass
Lead material:
Dumet (copper-clad Ni-Fe wire)
Dissipation constant (DC):
• Standard: 1.0 mW/°C in still air min.
• Mini: 0.7 mW/°C in still air min.
Time constant (TC):
• Standard: 22 s in still air max.
• Mini: 10 s in still air max.
Resistance range at 25 °C [77 °F]:
1 kOhm to 10 MOhm
At 25 °C [77 °F]
OHM
% TOLERANCE
R/T CURVE
RATIO 0 °C/50 °C [32 °F/122 °F]
REFERENCE
2,000
25
9
5.50
111-202CAK-B01
8,000
20
11
7.04
111-802EAJ-B01
30,000
25
11
7.04
111-303EAK-B01
20 % Tolerance at 25 °C [77 °F]
dc 1.0 mW/°C min., TC 22 s max.
OHM
R/T CURVE
RATIO
REFERENCE
1,000
11
7.04
121-102EAJ-Q01
2,000
11
7.04
121-202EAJ-Q01
5,000
11
7.04
121-502EAJ-Q01
10,000
12
7.59
121-103FAJ-Q01
50,000
14
9.53
121-502JAJ-Q01
100,000
15
10.45
121-104KAJ-Q01
200,000
15
10.45
121-202KAJ-Q01
500,000
4
11.89
121-504NAJ-Q01
1 M
5
13.12
121-105PAJ-Q01
10 M
6
15.65
121-106QAJ-Q01
Mini
20 % Tolerance at 25 °C [77 °F]
dc 0.7 mW/°C min., TC 10 s max.
OHM
R/T CURVE
RATIO
REFERENCE
1,000
11
7.04
120-102EAJ-Q01
2,000
11
7.04
120-202EAJ-Q01
10,000
12
7.59
120-103FAJ-Q01
50,000
14
9.53
120-502JAJ-Q01
100,000
15
10.45
120-104KAJ-Q01
At 25 °C [77 °F]
OHM
% TOLERANCE
R/T CURVE
RATIO 0 °C/50 °C [32 °F/122 °F]
REFERENCE
2,000
25
9
5.50
111-202CAK-H01
8,000
20
11
7.04
111-802EAJ-H01
10,000
20
11
7.04
111-103EAJ-H01
100,000
25
13
9.11
111-104HAK-H01
9,5
[0.375]
0,36 DIA.
[0.014]
2,51
[0.020]
0,0254 DIA.
[0.001]
0,36 DIA
[0.014]
9,5
[0.375]
0,51
[0.020]
0,0254 DIA.
[0.001]
OPTIONS
Adjacent leads
Axial leads
OPTIONS
Standard
2,54
[0.10]
50,8
[2.00]
12,7
[0.50]
0,3048 DIA. DUMET
[0.012]
31,5
[1.25]
12,7
[0.50]
0,2032 DIA. DUMET
[0.008]
1,5
[0.06]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com