Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 4Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 6Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
8
www.honeywell.com/sensing
40PC Series, Miniature Signal
Conditioned
Signal conditioning:
Amplified
Supply voltage:
5 Vdc ± 0.25 Vdc
Operating temperature:
-45 °C to 125 °C
-49 °F to 257 °F
Port style:
Straight for O-ring interface
Termination:
PCB, unformed
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Bi-Directional Gauge/Vacuum Gauge
± 50 MM HG
40PC001B1A
Gauge
0 to 300 mm HG
40PC006G1A
Vacuum
0 to -15.0 psi
40PC015V1A
Gauge
15.0 psi
40PC015G1A
Gauge
30.0 psi
40PC030G1A
Gauge
100 psi
40PC100G1A
Gauge
150 psi
40PC150G1A
Gauge
250 psi
40PC250G1A
Gauge
500 psi
40PC500G1A
PRESSURE
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential/gauge
0 psi to 1 psi
ASDX001D44R
Differential/gauge
0 psi to 5 psi
ASDX005D44R
Differential/gauge
0 psi to 15 psi
ASDX015D44R
Differential/gauge
0 psi to 30 psi
ASDX030D44R
Differential/gauge
0 psi to 100 psi
ASDX100D44R
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Guage
0 psi to 1 psi
ASDX001G24R
Guage
0 psi to 5 psi
ASDX005G24R
Guage
0 psi to 15 psi
ASDX015G24R
Guage
0 psi to 30 psi
ASDX030G24R
Guage
0 psi to 100 psi
ASDX100G24R
ASDX Series
Signal conditioning:
Amplified compensated
Supply voltage:
4.75 Vdc to 5.25 Vdc
Operating temperature:
-20 °C to 105 °C [-4 °F to 221 °F]
Port style:
Taper 2,29 mm [0.090 in]
Termination:
PCB
Accuracy grade:
±2.0 %
A2 Package
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Absolute
0 psi to 15 psi
ASDX015A24R
Absolute
0 psi to 30 psi
ASDX030A24R
Absolute
0 psi to 100 psi
ASDX100A24R
D4 Package
G2 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com