Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  24PC Datasheet HTML 1Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 2Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 3Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 4Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 6Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
4
www.honeywell.com/sensing
Flow Through
Type 6
24PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Flow Through/Vacuum Gauge 15.0 psi
24PCCFG6G
Flow Through/Vacuum Gauge 30.0 psi
24PCDFG6G
26PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Flow Through/Vacuum Gauge 1.0 psi
26PCAFG6G
Flow Through
15.0 psi
26PCCFG6G
Gauge/Vacuum Gauge
100 psi
26PCFFG6G
Honeywell pressure sensors are small, low cost and reliable. They feature excellent repeatability,
high accuracy, and reliability under varying environmental conditions. In addition, they feature
highly consistent operating characteristics from one sensor to the next and interchangeability
without recalibration.
We offer three pressure sensor measurement types—absolute, differential and gauge—including
vacuum gauge and bidirectional types. A wide variety of pressure ranges, along with both amplified
and unamplified versions, are available.
Honeywell pressure sensors are best used in applications which require precision pressure
measurement.
24PC/26PC Series
Signal conditioning:
Unamplified
noncompensated- (24PC Series)
compensated - (26 PC Series)
Supply voltage:
10 Vdc typ.
12 Vdc max. (24PC Series)
16 Vdc max. (26PC Series)
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Port style:
Straight or Flow Through
Termination:
PCB; 1 x 4; 0.600 in (Type 6)
PCB; 2 x 2; (Type 2)
1 x 4 with connector (Type 5)
OPTIONS
Differential
MOUNTING DIMENSIONS (for reference only) mm/in
DIFFERENTIAL SENSOR
1 X 4 Termination (Style 6) Port Style A, Straight (Only)
Gauge
MOUNTING DIMENSIONS (for reference only) mm/in
GAUGE SENSOR
1 x 4 Termination (Style 6) Port Style A, Straight
Pin 1 is notched, Pin 2 is next to Pin 1, etc.
24PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Gauge/Vacuum Gauge
1.0 psi
24PCAFA6G
Differential/Vacuum Gauge
5.0 psi
24PCBFA6D
Gauge/Vacuum Gauge
5.0 psi
24PCBFA6G
Differential/Vacuum Gauge
15.0 psi
24PCCFA6D
Gauge/Vacuum Gauge
15.0 psi
24PCCFA6G
Differential/Vacuum Gauge
30.0 psi
24PCDFA6D
Gauge/Vacuum Gauge
30.0 psi
24PCDFA6G
Differential
0.5 psi
24PCEFA6D
Gauge
0.5 psi
24PCEFA6G
Differential
100 psi
24PCFFA6D
Gauge
100 psi
24PCFFA6G
26PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential/Vacuum Gauge
1.0 psi
26PCAFA6D
Gauge/Vacuum Gauge
1.0 psi
26PCAFA6G
Differential
5.0 psi
26PCBFA6D
Gauge
5.0 psi
26PCBFA6G
Differential/Vacuum Gauge
15.0 psi
26PCCFA6D
Gauge/Vacuum Gauge
15.0 psi
26PCCFA6G
Differential
30.0 psi
26PCDFA6D
Gauge
30.0 psi
26PCDFA6G
Gauge
100 psi
26PCFFA6G
Differential
250 psi
26PCGFA6D
PRESSURE
Pressure Sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com