Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 2Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 3Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 4Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 6Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
6
www.honeywell.com/sensing
DC Series, Low Pressure
Signal conditioning:
Amplified compensated
unregulated (DC001NDC4)
regulated (DC005NDR4)
Supply voltage:
5 Vdc typ., 5.1 Vdc max. (DC001NDC4)
7 Vdc to 35 Vdc (DC005NDR4)
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
OPTIONS
DC001NDC4
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
1.0 in H
2O
DC001NDC4
DC005NDR4
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
5.0 in H
2O
DC005NDR4
DCXL/DUXL Series, Low Pressure
Signal conditioning:
Unamplified
compensated (DCXL)
noncompensated (DUXL)
Supply voltage:
12 Vdc typ., 16 Vdc max. (DCXL)
4.5 Vdc min., 8 Vdc max. (DUXL)
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
OPTIONS
DCXL Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
1.0 in H
2O
DCXL01DN
Differential
10.0 in H
2O
DCXL10DN
DUXL Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
1.0 in H
2O
DUXL01D
Differential
10.0 in H
2O
DUXL10D
PRESSURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com