| Electronic Components Datasheet Search |
|
HT67F60 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc |
|
48 / 242 page ![]() Rev. 1.50 48 March 06 , 2012 Rev. 1.50 49 March 06 , 2012 HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO EEPROM Data Memory All devices contain an area of internal EEPROM Data Memory. EEPROM, which stands for Electrically Erasable Programmable Read Only Memory, is by its nature a non-volatile form of re- programmable memory, with data retention even when its power supply is removed. By incorporating this kind of data memory, a whole new host of application possibilities are made available to the designer. The availability of EEPROM storage allows information such as product identification numbers, calibration values, specific user data, system setup data or other product information to be stored directly within the product microcontroller. The process of reading and writing data to the EEPROM memory has been reduced to a very trivial affair. EEPROM Data Memory Structure The EEPROM Data Memory capacity varies from 64x8 to 256x 8 bits, according to the device selected. Unlike the Program Memory and RAM Data Memory, the EEPROM Data Memory is not directly mapped into memory space and is therefore not directly addressable in the same way as the other types of memory. Read and Write operations to the EEPROM are carried out in single byte operations using an address and data register in Bank 0 and a single control register in Bank 1. Device Capacity Address HT67F30 64x8 00H ~ 3FH HT67F40 128x8 00H ~ 7FH HT67F50/HT67F60 256x8 00H ~ FFH EEPROM Registers Three registers control the overall operation of the internal EEPROM Data Memory. These are the address register, EEA, the data register, EED and a single control register, EEC. As both the EEA and EED registers are located in Bank 0, they can be directly accessed in the same was as any other Special Function Register. The EEC register however, being located in Bank1, cannot be directly addressed directly and can only be read from or written to indirectly using the MP1 Memory Pointer and Indirect Addressing Register, IAR1. Because the EEC control register is located at address 40H in Bank 1, the MP1 Memory Pointer must first be set to the value 40H and the Bank Pointer register, BP, set to the value, 01H, before any operations on the EEC register are executed. EEPROM Register List ● HT67F30 Name Bit 7 6 5 4 3 2 1 0 EEA — — D5 D4 D3 D2 D1 D0 EED D7 D6 D5 D4 D3 D2 D1 D0 EEC — — — — WREN WR RDEN RD ● HT67F40 Name Bit 7 6 5 4 3 2 1 0 EEA — D6 D5 D4 D3 D2 D1 D0 EED D7 D6 D5 D4 D3 D2 D1 D0 EEC — — — — WREN WR RDEN RD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |