| Electronic Components Datasheet Search |
|
HT67F60 Datasheet(PDF) 99 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Datasheet(HTML) 99 Page - Holtek Semiconductor Inc |
|
99 / 242 page ![]() HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM Rev. 1.50 98 March 06 , 2012 Rev. 1.50 99 March 06 , 2012 Timer Modules – TM One of the most fundamental functions in any microcontroller device is the ability to control and measure time. To implement time related functions each device includes several Timer Modules, abbreviated to the name TM. The TMs are multi-purpose timing units and serve to provide operations such as Timer/Counter, Input Capture, Compare Match Output and Single Pulse Output as well as being the functional unit for the generation of PWM signals. Each of the TMs has either two or three individual interrupts. The addition of input and output pins for each TM ensures that users are provided with timing units with a wide and flexible range of features. The common features of the different TM types are described here with more detailed information provided in the individual Compact, Standard and Enhanced TM sections. Introduction The devices contain from two to four TMs depending upon which device is selected with each TM having a reference name of TM0, TM1, TM2 and TM3. Each individual TM can be categorised as a certain type, namely Compact Type TM, Standard Type TM or Enhanced Type TM. Although similar in nature, the different TM types vary in their feature complexity. The common features to all of the Compact, Standard and Enhanced TMs will be described in this section, the detailed operation regarding each of the TM types will be described in separate sections. The main features and differences between the three types of TMs are summarised in the accompanying table. Function CTM STM ETM Timer/Counter √ √ √ I/P Capture — √ √ Compare Match Output — √ √ PWM Channels 1 1 2 Single Pulse Output — 1 2 PWM Alignment Edge Edge Edge & Centre PWM Adjustment Period & Duty Duty or Period Duty or Period Duty or Period TM Function Summary Each device in the series contains a specific number of either Compact Type, Standard Type and Enhanced Type TM units which are shown in the table together with their individual reference name, TM0~TM3. Device TM0 TM1 TM2 TM3 HT67F30 10-bit CTM 10-bit ETM — — HT67F40 10-bit CTM 10-bit ETM 16-bit STM — HT67F50 10-bit CTM 10-bit ETM 16-bit STM 10-bit CTM HT67F60 10-bit CTM 10-bit ETM 16-bit STM 10-bit CTM TM Name/Type Reference |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |