Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 242 page
background image
Rev. 1.50
52
March 06 , 2012
Rev. 1.50
53
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Programming Considerations
Care must be taken that data is not inadvertently written to the EEPROM. Protection can be
enhanced by ensuring that the Write Enable bit is normally cleared to zero when not writing. Also
the Bank Pointer could be normally cleared to zero as this would inhibit access to Bank 1 where the
EEPROM control register exist. Although certainly not necessary, consideration might be given in
the application program to the checking of the validity of new write data by a simple read back
process.
Programming Examples
● Reading data from the EEPROM – polling method
MOV A,EEPROM_ADRES
;userdefinedaddress
MOV EEA,A
MOV A,040H
;setupmemorypointerMP1
MOV MP1,A
;MP1pointstoEECregister
MOV A,01H
;setupBankPointer
MOV BP,A
SET IAR1.1
;setRDENbit,enablereadoperations
SET IAR1.0
;startReadCycle-setRDbit
BACK:
SZ
IAR1.0
;checkforreadcycleend
JMP BACK
CLR IAR1
;disableEEPROMread/write
CLR BP
MOV A,EEDATA
;movereaddatatoregister
MOV READ_DATA,A
● Writing Data to the EEPROM – polling method
MOV A,EEPROM_ADRES
;userdefinedaddress
MOV EEA,A
MOV A,EEPROM_DATA
;userdefineddata
MOV EED,A
MOV A,040H
;setupmemorypointerMP1
MOV MP1,A
;MP1pointstoEECregister
MOV A,01H
;setupBankPointer
MOV BP,A
SET IAR1.3
;setWRENbit,enablewriteoperations
SET IAR1.2
;startWriteCycle-setWRbit
BACK:
SZ IAR1.2
;checkforwritecycleend
JMP BACK
CLR IAR1
;disableEEPROMread/write
CLR BP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com