Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 162 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 162 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 159Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 160Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 161Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 162Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 163Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 164Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 165Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 166Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 242 page
background image
Rev. 1.50
162
March 06 , 2012
Rev. 1.50
163
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Serial Interface Module – SIM
These devices contain a Serial Interface Module, which includes both the four line SPI interface or
the two line I2C interface types, to allow an easy method of communication with external peripheral
hardware. Having relatively simple communication protocols, these serial interface types allow the
microcontroller to interface to external SPI or I2C based hardware such as sensors, Flash or
EEPROM memory, etc. The SIM interface pins are pin-shared with other I/O pins therefore the SIM
interface function must first be selected using a configuration option. As both interface types share
the same pins and registers, the choice of whether the SPI or I2C type is used is made using the SIM
operating mode control bits, named SIM2~SIM0, in the SIMC0 register. These pull-high resistors of
the SIM pin-shared I/O are selected using pull-high control registers, and also if the SIM function is
enabled.
SPI Interface
This SPI interface function which is contained within the Serial Interface Module, should not be
confused with the other independent SPI function, known as SPIA, which is described in another
section of this datasheet. The SPI interface is often used to communicate with external peripheral
devices such as sensors, Flash or EEPROM memory devices etc. Originally developed by Motorola,
the four line SPI interface is a synchronous serial data interface that has a relatively simple
communication protocol simplifying the programming requirements when communicating with
external hardware devices.
The communication is full duplex and operates as a slave/master type, where the device can be
either master or slave. Although the SPI interface specification can control multiple slave devices
from a single master, but this device provided only one SCS pin. If the master needs to control
multiple slave devices from a single master, the master can use I/O pin to select the slave devices.
SPI Interface Operation
● The SPI interface is a full duplex synchronous serial data link. It is a four line interface with pin
names SDI, SDO, SCK and SCS. Pins SDI and SDO are the Serial Data Input and Serial Data
Output lines, SCK is the Serial Clock line and SCS is the Slave Select line. As the SPI interface
pins are pin-shared with normal I/O pins and with the I2C function pins, the SPI interface must
first be enabled by selecting the SIM enable configuration option and setting the correct bits in the
SIMC0 and SIMC2 registers. After the SPI configuration option has been configured it can also
be additionally disabled or enabled using the SIMEN bit in the SIMC0 register. Communication
between devices connected to the SPI interface is carried out in a slave/master mode with all data
transfer initiations being implemented by the master. The Master also controls the clock signal.
As the device only contains a single SCS pin only one slave device can be utilized. The SCS pin
is controlled by software, set CSEN bit to "1" to enable SCS pin function, set CSEN bit to "0" the
SCS pin will be floating state.
SP I M ast er
SP I Sl av e
SC K
SD O
SD I
SC S
SC K
SD I
SD O
SC S
SPI Master/Slave Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com