Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 220 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 220 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 216Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 217Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 218Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 219Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 220Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 221Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 222Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 223Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 224Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 242 page
background image
Rev. 1.50
220
March 06 , 2012
Rev. 1.50
221
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Programming Considerations
Certain precautions must be taken when programming the LCD. One of these is to ensure that the
LCD Memory is properly initialised after the microcontroller is powered on. Like the General
Purpose Data Memory, the contents of the LCD Memory are in an unknown condition after power-
on. As the contents of the LCD Memory will be mapped into the actual display, it is important to
initialise this memory area into a known condition soon after applying power to obtain a proper
display pattern.
Consideration must also be given to the capacitive load of the actual LCD used in the application.
As the load presented to the microcontroller by LCD pixels can be generally modeled as mainly
capacitive in nature, it is important that this is not excessive, a point that is particularly true in the
case of the COM lines which may be connected to many LCD pixels. The accompanying diagram
depicts the equivalent circuit of the LCD.
One additional consideration that must be taken into account is what happens when the
microcontroller enters the Idle or Slow Mode. The LCDEN control bit in the LCDCTRL register
permits the display to be powered off to reduce power consumption. If this bit is zero, the driving
signals to the display will cease, producing a blank display pattern but reducing any power
consumption associated with the LCD.
After Power-on, note that as the LCDEN bit will be cleared to zero, the display function will be
disabled.
CO M0
CO M1
CO M2
CO Mn
SE G0
SE G1
SE G2
SE Gn
LCD Panel Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com