Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7730S Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7730S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7730S Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7730S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 9Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 10Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 11Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 12Page - Holtek Semiconductor Inc HT7730S Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Rev. 1.00
9
February 22, 2012
HT77xxS
HT7737S
2.5
2.8
3.1
3.4
3.7
4
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 11. HT7737S Output Voltage vs. Output Current
0%
20%
40%
60%
80%
100%
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 12. HT7737S Efficiency vs. Output Current
0
0.3
0.6
0.9
1.2
0
5
10
15
20
Output Current (mA)
Start-up
Hold-on
Fig 13. HT7737S Start-up & Hold-on Voltage
0
50
100
150
200
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 14. HT7737S Ripple Voltage vs. Output Current
Fig 15. HT7737S Load Transient Response
(L= 10μH, CIN= COUT= 10μF, VIN= 2.22V)
Fig 16. HT7737S Line Transient Response
(L= 10μH, CIN= COUT= 10μF, VIN= 2.22V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com